Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SIBA-R Datasheet(PDF) 52 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 52 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 48Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 49Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 50Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 51Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 52Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 53Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 54Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 55Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 56Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 400 page
background image
Power and clock management
5.1.3.2 Battery monitoring on VDD
A battery voltage (VDD) monitoring capability is provided via a modem API
Note: For details regarding the modem API, please refer to nRF Connect SDK document and nRF91
AT Commands, Command Reference Guide document.
5.1.3.3 Registers
5.1.3.4 Electrical specification
5.1.3.4.1 Device startup times
Symbol
Description
Min.
Typ.
Max.
Units
tPOR
Time in power-on reset after VDD has reached 3V, ENABLE
is tied to VDD.
1.2
ms
tPINR
The maximum time taken to pull up the nRESET pin and
release reset after power-on reset. Dependent on the pin
capacitive load (C)2: t=TRC; Typical: T=2 R=13 kΩ; Max: T=5
R=16 kΩ.
..
..
..
tPINR,500nF
C=500 nF
13
40
ms
tPINR,10uF
C=10 µF
260
800
ms
tR2ON
Time from reset to ON (CPU execute)
127
µs
tOFF2ON
Time from OFF to CPU execute
73
µs
tWFE2CPU
Time from WFE to CPU execute
70
µs
tWFI2CPU
Time from WFI to CPU execute
69
µs
tEVTSET,CL1
Time from HW event to PPI event in constant latency
System ON mode
0.1
0.1
µs
tEVTSET,CL0
Time from HW event to PPI event in low power System ON
mode
0.1
0.7
µs
tLTEMODEM,TYP
LTE modem typical startup time. Time from application
core powering up the modem until the modem is ready to
receive the first AT command.
200
ms
tLTEMODEM,WORSTCASE LTE modem worst case startup time. Time from application
core powering up the modem until the modem is ready to
receive the first AT command, with modem FW variable
elements included.
250
ms
tLTEMODEM,FOTA
LTE modem startup time after modem FOTA update. Time
from application core powering up the modem after a
modem FOTA update until the modem is ready to receive
the first AT command.
7.5
s
tLTEMODEM,FOTAREJECT LTE modem startup time after a rejected modem FOTA
update. Time from application core powering up the
modem after a rejected modem FOTA update until the
modem is ready to receive the first AT command. Modem
will revert back to original FW image.
90
s
tLTEMODEM,STOP,TYP LTE modem typical shutdown time. Time from application
core calling bsd_shutdown command until bsd_shutdown
returns.
1.6
s
2 To decrease the maximum time a device could be held in reset, a strong external pull-up resistor can
be used.
4418_1315 v2.0
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com