Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SIBA-R Datasheet(PDF) 64 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 64 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 60Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 61Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 62Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 63Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 64Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 65Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 66Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 67Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 68Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 400 page
background image
Power and clock management
5.2.1.16 GPS current consumption
Symbol
Description
Min.
Typ.
Max.
Units
IGPS_CONTINUOUS
Continuous tracking, typical peak current without power
saving mode
44.9
mA
IGPS_CONTINUOUS_PSM Continuous tracking, power saving mode
9.6
mA
IGPS_SINGLE
Single shot, one fix every 2 minutes
2.5
mA
5.3 Register description
5.3.1 POWER — Power control
The POWER module provides an interface to tasks, events, interrupt and reset related configuration
settings of the power management unit.
Note: Registers INTEN on page 67, INTENSET on page 67, and INTENCLR on page 68 are
the same registers (at the same address) as corresponding registers in CLOCK — Clock control on
page 70.
5.3.1.1 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50005000
0x40005000
POWER
POWER : S
POWER : NS
US
NA
Power control
Table 21: Instances
Register
Offset
Security Description
TASKS_CONSTLAT
0x78
Enable constant latency mode.
TASKS_LOWPWR
0x7C
Enable low power mode (variable latency)
SUBSCRIBE_CONSTLAT
0xF8
Subscribe configuration for task CONSTLAT
SUBSCRIBE_LOWPWR
0xFC
Subscribe configuration for task LOWPWR
EVENTS_POFWARN
0x108
Power failure warning
EVENTS_SLEEPENTER
0x114
CPU entered WFI/WFE sleep
EVENTS_SLEEPEXIT
0x118
CPU exited WFI/WFE sleep
PUBLISH_POFWARN
0x188
Publish configuration for event POFWARN
PUBLISH_SLEEPENTER
0x194
Publish configuration for event SLEEPENTER
PUBLISH_SLEEPEXIT
0x198
Publish configuration for event SLEEPEXIT
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
RESETREAS
0x400
Reset reason
POWERSTATUS
0x440
Modem domain power status
GPREGRET[n]
0x51C
General purpose retention register
Table 22: Register overview
5.3.1.1.1 TASKS_CONSTLAT
Address offset: 0x78
Enable constant latency mode.
4418_1315 v2.0
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com