Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SIBA-R Datasheet(PDF) 87 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 87 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 83Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 84Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 85Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 86Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 87Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 88Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 89Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 90Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 91Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 400 page
background image
Peripherals
Peripheral A
PPIBus
ppiBusProducer [0:X-1]
ppiBusConsumer[0:X-1]
PeripheralCore
Peripheral B
PPIBus
PeripheralCore
DPPI
configuration
CHENSET / CHENCLR
ppiBusProducer [0:X-1]
ppiBusConsumer[0:X-1]
Figure 14: DPPI overview
6.2.1 Subscribing to and publishing on channels
The PPIBus can route peripheral events onto the channels (publishing), or route events from the channels
into peripheral tasks (subscribing).
All peripherals include the following:
• One subscribe register per task
• One publish register per event
Publish and subscribe registers use a channel index field to determine the channel to which the event is
published or tasks subscribed. In addition, there is an enable bit for the subscribe and publish registers
that needs to be enabled before the subscription or publishing takes effect.
Writing non-existing channel index (CHIDX) numbers into a peripheral's publish or subscribe registers will
yield unexpected results.
One event can trigger multiple tasks by subscribing different tasks to the same channel. Similarly, one
task can be triggered by multiple events by publishing different events to the same channel. For advanced
use cases, multiple events and multiple tasks can connect to the same channel forming a many-to-many
connection. If multiple events are published on the same channel at the same time, the events are merged
and only one event is routed through the DPPI.
How peripheral events are routed onto different channels based on publish registers is illustrated in the
following figure.
4418_1315 v2.0
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com