| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R Datasheet(PDF) 17 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R Datasheet(HTML) 17 Page - Nordic Semiconductor |
|
17 / 400 page ![]() Product overview • Enforced peripheral behavior when switching between peripherals (disable the first peripheral before enabling the second) 3.3.2 Peripherals with shared ID In general (with the exception of ID 0), peripherals sharing an ID and base address may not be used simultaneously. Only one peripheral can be enabled at a given ID. When switching between two peripherals sharing an ID, the following should be performed to prevent unwanted behavior: 1. Disable the previously used peripheral. 2. Disable any publish/subscribe connection to the DPPI system for the peripheral that is being disabled. 3. Clear all bits in the INTEN register, i.e. INTENCLR = 0xFFFFFFFF. 4. Explicitly configure the peripheral being enabled. Do not rely on inherited configuration from the disabled peripheral. 5. Enable the now configured peripheral. For a list of which peripherals that share an ID see Instantiation on page 24. 3.3.3 Peripheral registers Most peripherals feature an ENABLE register. Unless otherwise specified, the peripheral registers must be configured before enabling the peripheral. PSEL registers need to be set before a peripheral is enabled or started. Updating PSEL registers while the peripheral is running has no effect. In order to connect a peripheral to a different GPIO, the peripheral must be disabled, the PSEL register updated, and the peripheral re-enabled. It takes four CPU cycles between the PSEL register update and the connection between a peripheral and a GPIO becoming effective. Note: Note that the peripheral must be enabled before tasks and events can be used. Most of the register values are lost during System OFF or when a reset is triggered. Some registers will retain their values in System OFF or for some specific reset sources. These registers are marked as retained in the register description for a given peripheral. For more information on their behavior, see chapter Reset on page 56. 3.3.4 Bit set and clear Registers with multiple single-bit bit fields may implement the set-and-clear pattern. This pattern enables firmware to set and clear individual bits in a register without having to perform a read-modify-write operation on the main register. This pattern is implemented using three consecutive addresses in the register map, where the main register is followed by dedicated SET and CLR registers (in that exact order). In the main register, the SET register sets individual bits and the CLR register clears them. Writing '1' to a bit in the SET or CLR register will set or clear the same bit in the main register respectively. Writing '0' to a bit in the SET or CLR register has no effect. Reading the SET or CLR register returns the value of the main register. Note: The main register may not be visible and therefore not directly accessible in all cases. 3.3.5 Tasks Tasks are used to trigger actions in a peripheral, such as to start a particular behavior. A peripheral can implement multiple tasks with each task having a separate register in that peripheral's task register group. 4418_1315 v2.0 17 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |