Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SICA-R7 Datasheet(PDF) 47 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 47 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 51Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 400 page
background image
Application core
The EasyDMA Array List can be implemented by using the data structure ArrayList_type as illustrated in
the code example below using a READER EasyDMA channel as an example:
#define BUFFER_SIZE 4
typedef struct ArrayList
{
uint8_t buffer[BUFFER_SIZE];
} ArrayList_type;
ArrayList_type ReaderList[3] __at__ 0x20000000;
MYPERIPHERAL->READER.MAXCNT = BUFFER_SIZE;
MYPERIPHERAL->READER.PTR = &ReaderList;
MYPERIPHERAL->READER.LIST = MYPERIPHERAL_READER_LIST_ArrayList;
The data structure only includes a buffer with size equal to the size of READER.MAXCNT register. EasyDMA
uses the READER.MAXCNT register to determine when the buffer is full.
buffer[0]
buffer[1]
buffer[2]
buffer[3]
READER.PTR = &ReaderList
buffer[0]
buffer[1]
buffer[2]
buffer[3]
buffer[0]
buffer[1]
buffer[2]
buffer[3]
0x20000000 : ReaderList[0]
0x20000004 : ReaderList[1]
0x20000008 : ReaderList[2]
Figure 7: EasyDMA array list
4.8 AHB multilayer interconnect
On the AHB multilayer interconnect, the application CPU and all EasyDMA instances are AHB bus masters
while RAM, cache and peripherals are AHB slaves. External MCU subsystems can be seen both as master
and slave on the AHB multilayer interconnect.
Multiple AHB masters can access slave resources within the AHB multilayer interconnect as illustrated in
Memory on page 21. Access rights to each of the AHB slaves are resolved using the natural priority of
the different bus masters in the system.
4418_1315 v2.0
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com