| Electronic Components Datasheet Search |
|
NRF9160-SICA-R7 Datasheet(PDF) 48 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 Datasheet(HTML) 48 Page - Nordic Semiconductor |
|
48 / 400 page ![]() 5 Power and clock management 5.1 Functional description The power and clock management system automatically ensures maximum power efficiency. The nRF9160 provides a total of three power modes; two internal (automatically handled by the device), and one external (driven by the ENABLE pin and overriding internal ones). The core of the automatic power and clock management is the power management unit (PMU) illustrated in the image below. nRF9160 Power management IC (PMIC) Clock sources PMU Application core Memory Peripherals LTE modem VDD ENABLE Figure 8: Power management unit When the device is powered and enabled, the PMU automatically tracks the power and clock resources required by the different components in the system. It then starts/stops and chooses operation modes in supply regulators and clock sources, without user interaction, to achieve the lowest power consumption possible. 5.1.1 Power management The two internal modes are handled by the power management unit (PMU) , whereas the external is handled by the user via the ENABLE pin. The System Disabled mode provides a way to override the PMU by manipulating voltages presented to the ENABLE pin. The PMU steers system-wide clock and power in order to provide the power modes - System ON and System OFF. Under the various modes, internal blocks are automatically powered by the PMU as required by the application. 5.1.1.1 System Disabled mode The entire device can be powered down by presenting the appropriate voltage to the externally available ENABLE pin. 4418_1315 v2.0 48 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |