Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SICA-R7 Datasheet(PDF) 167 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 167 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 163Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 164Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 165Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 166Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 167Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 168Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 169Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 170Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 171Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 400 page
background image
Peripherals
PWM generation can then only be restarted through a SEQSTART[n] task. SEQSTART[n] will resume PWM
generation after having loaded the first value from the RAM buffer defined in the SEQ[n].PTR register.
The following table indicates when specific registers get sampled by the hardware. Care should be taken
when updating these registers to avoid that values are applied earlier than expected.
Register
Taken into account by hardware
Recommended (safe) update
SEQ[n].PTR
When sending the SEQSTART[n] task
After having received the SEQSTARTED[n] event
SEQ[n].CNT
When sending the SEQSTART[n] task
After having received the SEQSTARTED[n] event
SEQ[0].ENDDELAY When sending the SEQSTART[0] task
Every time a new value from sequence [0] has been loaded from
RAM and gets applied to the Wave Counter (indicated by the
PWMPERIODEND event)
Before starting sequence [0] through a SEQSTART[0] task
When no more value from sequence [0] gets loaded from RAM
(indicated by the SEQEND[0] event)
At any time during sequence [1] (which starts when the
SEQSTARTED[1] event is generated)
SEQ[1].ENDDELAY When sending the SEQSTART[1] task
Every time a new value from sequence [1] has been loaded from
RAM and gets applied to the Wave Counter (indicated by the
PWMPERIODEND event)
Before starting sequence [1] through a SEQSTART[1] task
When no more value from sequence [1] gets loaded from RAM
(indicated by the SEQEND[1] event)
At any time during sequence [0] (which starts when the
SEQSTARTED[0] event is generated)
SEQ[0].REFRESH
When sending the SEQSTART[0] task
Every time a new value from sequence [0] has been loaded from
RAM and gets applied to the Wave Counter (indicated by the
PWMPERIODEND event)
Before starting sequence [0] through a SEQSTART[0] task
At any time during sequence [1] (which starts when the
SEQSTARTED[1] event is generated)
SEQ[1].REFRESH
When sending the SEQSTART[1] task
Every time a new value from sequence [1] has been loaded from
RAM and gets applied to the Wave Counter (indicated by the
PWMPERIODEND event)
Before starting sequence [1] through a SEQSTART[1] task
At any time during sequence [0] (which starts when the
SEQSTARTED[0] event is generated)
COUNTERTOP
In DECODER.LOAD=WaveForm: this register is ignored.
In all other LOAD modes: at the end of current PWM period
(indicated by the PWMPERIODEND event)
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been triggered, and the STOPPED event has
been received.
MODE
Immediately
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been triggered, and the STOPPED event has
been received.
DECODER
Immediately
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been triggered, and the STOPPED event has
been received.
PRESCALER
Immediately
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been triggered, and the STOPPED event has
been received.
LOOP
Immediately
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been triggered, and the STOPPED event has
been received.
PSEL.OUT[n]
Immediately
Before enabling the PWM instance through the ENABLE register
Table 58: When to safely update PWM registers
Note: SEQ[n].REFRESH and SEQ[n].ENDDELAY are ignored at the end of a complex sequence,
indicated by a LOOPSDONE event. The reason for this is that the last value loaded from RAM
is maintained until further action from software (restarting a new sequence, or stopping PWM
generation).
4418_1315 v2.0
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com