Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SICA-R7 Datasheet(PDF) 190 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 190 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 186Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 187Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 188Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 189Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 190Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 191Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 192Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 193Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 194Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 400 page
background image
Peripherals
0x000
PCLK16M
LFCLK
PRESC
COUNTER
X+1
First tick
START
>= ~15 µs
X+2
X+3
X
0 or more PCLK16M cycles before
Figure 63: Timing diagram - JITTER_START-
0x000
PCLK16M
LFCLK
PRESC
COUNTER
First tick
START
LFCLK startup time
X+1
X+2
X
Figure 64: Timing diagram - JITTER_START+
The following tables summarize jitter introduced for tasks and events. Any 32.768 kHz clock jitter will
come in addition to these numbers.
Task
Delay
CLEAR, START, STOP, TRIGOVRFLOW
+15 to 46 μs
Table 63: RTC jitter magnitudes on tasks
Operation/Function
Jitter
START to COUNTER increment
± 15 μs
COMPARE to COMPARE 12
± 62.5 ns
Table 64: RTC jitter magnitudes on events
6.11.9 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50014000
0x40014000
RTC
RTC0 : S
RTC0 : NS
US
NA
Real time counter 0
0x50015000
0x40015000
RTC
RTC1 : S
RTC1 : NS
US
NA
Real time counter 1
Table 65: Instances
12 Assumes RTC runs continuously between these events.
4418_1315 v2.0
190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com