Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SICA-R7 Datasheet(PDF) 202 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 202 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 198Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 199Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 200Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 201Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 202Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 204Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 206Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 400 page
background image
Peripherals
(…)
CH[2] 1st result
CH[1] 1st result
31
RESULT.PTR
16 15
0
RESULT.PTR + 4
CH[1] 2nd result
CH[5] 1st result
CH[5] 2nd result
CH[2] 2nd result
RESULT.PTR + 8
CH[5] last result
CH[2] last result
RESULT.PTR +
2*(RESULT.MAXCNT – 2)
Figure 66: Example of RAM placement (even RESULT.MAXCNT), channels 1, 2 and 5 enabled
The figure below provides an example of results placement in Data RAM, with an odd RESULT.MAXCNT. In
this example, channels 1, 2 and 5 are enabled, all others are disabled. The last 32-bit word is populated
only with one 16-bit result.
(…)
CH[2] 1st result
CH[1] 1st result
31
RESULT.PTR
16 15
0
RESULT.PTR + 4
CH[1] 2nd result
CH[5] 1st result
CH[5] 2nd result
CH[2] 2nd result
RESULT.PTR + 8
CH[5] last result
RESULT.PTR +
2*(RESULT.MAXCNT – 1)
Figure 67: Example of RAM placement (odd RESULT.MAXCNT), channels 1, 2 and 5 enabled
6.12.5 EasyDMA
After configuring RESULT.PTR and RESULT.MAXCNT, the ADC resources are started by triggering the START
task. The ADC is using EasyDMA to store results in a Result buffer in RAM.
The Result buffer is located at the address specified in the RESULT.PTR register. The RESULT.PTR register
is double-buffered and it can be updated and prepared for the next START task immediately after the
STARTED event is generated. The size of the Result buffer is specified in the RESULT.MAXCNT register
and the ADC will generate an END event when it has filled up the Result buffer, see ADC on page 203.
Results are stored in little-endian byte order in Data RAM. Every sample will be sign extended to 16 bit
before stored in the Result buffer.
The ADC is stopped by triggering the STOP task. The STOP task will terminate an ongoing sampling. The
ADC will generate a STOPPED event when it has stopped. If the ADC is already stopped when the STOP task
is triggered, the STOPPED event will still be generated.
4418_1315 v2.0
202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com