Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 20Page - Infineon Technologies AG TLE7258LE Datasheet HTML 21Page - Infineon Technologies AG TLE7258LE Datasheet HTML 22Page - Infineon Technologies AG TLE7258LE Datasheet HTML 23Page - Infineon Technologies AG TLE7258LE Datasheet HTML 24Page - Infineon Technologies AG TLE7258LE Datasheet HTML 25Page - Infineon Technologies AG TLE7258LE Datasheet HTML 26Page - Infineon Technologies AG TLE7258LE Datasheet HTML 27Page - Infineon Technologies AG TLE7258LE Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Datasheet
24
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Application information
6
Application information
Note:
The following information is given as a hint for the implementation of the device only and shall not
be regarded as a description or warranty of a certain functionality, condition or quality of the device.
6.1
Application example
Figure 16 Simplified application circuit
TLE7258_APPLICATION
TLE7258
GND
Micro Controller
e.g XC22xx
V
S
V
Bat
LIN
BUS
BUS
TLE42xx
22μF
100nF
1nF
5 V or 3.3V
ECU_1
Pull-up to
MCU Supply
2.4kΩ
1
2
4
5
78
6
10μF
100nF
V
Q
GND
INH
V
I
1kΩ
INH
RxD
TxD
EN
GND
V
CC
100nF
TLE7258
GND
Micro Controller
e.g XC22xx
V
S
BUS
TLE42xx
22μF
100nF
220pF
5 V or 3.3V
ECU_X
Pull-up to
MCU Supply
2.4kΩ
1
2
4
5
78
6
10μF
100nF
V
Q
GND
INH
V
I
INH
RxD
TxD
EN
GND
V
CC
100nF
10kΩ
10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com