| Electronic Components Datasheet Search |
|
TLE7258LE Datasheet(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7258LE Datasheet(HTML) 15 Page - Infineon Technologies AG |
|
15 / 31 page ![]() Datasheet 15 Rev. 1.20 2022-04-27 TLE7258 LIN transceiver Functional description 3.8 Undervoltage detection Figure 11 Early undervoltage detection The TLE7258 has undervoltage detection on the VS supply pin with two different thresholds: • In normal operation mode the TLE7258 blocks the communication between the LIN bus and the microcontroller when detecting undervoltage events. However, no mode change will occur. After VS rises above the undervoltage release level VS,UV,REL, the bus communication interface will be released when the signal on the TxD input goes “high”. See Figure 11. • In case the power supply VS drops down below the power-on reset level VS,UV,PON the TLE7258 not only blocks the communication between the LIN bus and the microcontroller, it also changes the operation mode to standby mode after VS supply recovery. In standby mode the TLE7258 indicates a power-up event on the RxD output. The power-on reset level is active in all operation modes.See Figure 12. Figure 12 Undervoltage detection and power-on reset TLE7258_UNDERVOLTAGE_EARLY Supply voltage V S Power-on reset level V S,UV,PON Normal Operation mode Normal Operation mode Blanking time t blank,UV Communication blocked Undervoltage release level V S,UV,ON Undervoltage hysteresis V S,UV,HYS V S t Undervoltage detection level V S,UV,OFF TLE7258_UNDERVOLTAGE_RESET Device unpowered Supply voltage V S Normal Operation mode Standby mode (EN = „low“) Normal Operation mode (EN = “high“) Blanking time t blank,UV Undervoltage release level V S,UV,ON Undervoltage hysteresis V S,UV,HYS Power-on reset level V S,UV,PON Communication blocked V S t Undervoltage detection level V S,UV,OFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |