Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 4Page - Infineon Technologies AG TLE7258LE Datasheet HTML 5Page - Infineon Technologies AG TLE7258LE Datasheet HTML 6Page - Infineon Technologies AG TLE7258LE Datasheet HTML 7Page - Infineon Technologies AG TLE7258LE Datasheet HTML 8Page - Infineon Technologies AG TLE7258LE Datasheet HTML 9Page - Infineon Technologies AG TLE7258LE Datasheet HTML 10Page - Infineon Technologies AG TLE7258LE Datasheet HTML 11Page - Infineon Technologies AG TLE7258LE Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Datasheet
8
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Functional description
3.2
Normal operation mode
While operating in normal operation mode the LIN bus receiver and transmitter are active and support data
transmission rates up to 20 kbps. Data from the microcontroller is transmitted to the LIN bus via the TxD input.
Simultaneously the receiver detects the data stream on the LIN bus and forwards it to the RxD output.
Normal operation mode can be entered from either sleep mode (see Figure 9) or from standby mode (see
Figure 5), by setting the EN input to logical “high”. From normal operation mode the TLE7258 can only enter
sleep mode, it is not possible to enter standby mode directly (see Figure 4).
The transition time for mode change to normal operation mode tMODE specifies the delay between the
threshold, where the EN pin detects a “high” input signal, and the actual mode change of TLE7258 to normal
operation mode.
Figure 5
Entering normal operation mode from standby mode
Table 2
Operation mode transitions
Number Reason for transition
Comment
1
Power-on detection
The VS supply voltage rise above the VS,UV,PON power-on reset level
2
Mode change with EN input Triggered by logical “high” level
3
Mode change with EN input Triggered by logical “low” level
4
Mode change with EN input Triggered by logical “high” level
5
Bus wake-up detection
RxD set “low” for signalling the bus wake-up event to the
microcontroller
6
Bus wake-up detection
RxD set “low” for signalling the bus wake-up event to the
microcontroller
INH: „high impedance“
TLE7258_NORMAL_MODE
V
EN,OFF
Standby mode
t
to,rec
V
EN,ON
Hysteresis
Normal Operation mode
Sleep mode
t
EN
t
Data transmission
RxD
t
TxD
t
INH
t
MODE
RxD: „high“ or „low“
TxD: „high“ because
of internal pull-up
Standby mode:
Sleep mode:
t
MODE
The internal pull-up current source sets the TxD input to logical „high“ in case the TxD input is open.
The internal pull-up current source is switched off and the TxD input is disabled. The TxD input is floating
in case the TxD input is open.
TxD: „high impedance“
Data transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com