Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 10Page - Infineon Technologies AG TLE7258LE Datasheet HTML 11Page - Infineon Technologies AG TLE7258LE Datasheet HTML 12Page - Infineon Technologies AG TLE7258LE Datasheet HTML 13Page - Infineon Technologies AG TLE7258LE Datasheet HTML 14Page - Infineon Technologies AG TLE7258LE Datasheet HTML 15Page - Infineon Technologies AG TLE7258LE Datasheet HTML 16Page - Infineon Technologies AG TLE7258LE Datasheet HTML 17Page - Infineon Technologies AG TLE7258LE Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Datasheet
14
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Functional description
3.7
Overtemperature protection
The TLE7258 has an integrated overtemperature sensor to protect the device against thermal overstress on
the transmitter. In case of an overtemperature event, the transmitter will be disabled (see Figure 10). An
overtemperature event will not cause any mode change and will not be directly indicated on the RxD output
or the TxD input.
When the junction temperature falls below the thermal shut down level TJ < TJSD, the transmitter will be
reactivated. After an over-temperature recovery the TxD input requires a logical “high” signal before restarting
data transmission.
A 10°C hysteresis avoids toggling during the temperature shut down.
Figure 10 Overtemperature shut down
TLE7258_OVER_TEMPERATURE
TxD
t
t
BUS
t
Overtemperature event
Cool down
T
J
t
T
JSD (shutdown temp.)
Switch-on
Δ
T (shutdown hysteresis)
RxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com