Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 12Page - Infineon Technologies AG TLE7258LE Datasheet HTML 13Page - Infineon Technologies AG TLE7258LE Datasheet HTML 14Page - Infineon Technologies AG TLE7258LE Datasheet HTML 15Page - Infineon Technologies AG TLE7258LE Datasheet HTML 16Page - Infineon Technologies AG TLE7258LE Datasheet HTML 17Page - Infineon Technologies AG TLE7258LE Datasheet HTML 18Page - Infineon Technologies AG TLE7258LE Datasheet HTML 19Page - Infineon Technologies AG TLE7258LE Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Datasheet
16
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Functional description
3.9
TxD time-out
The TxD time-out feature protects the LIN bus against permanent blocking in case the logical signal on the TxD
input is continuously “low”, caused by e.g. a malfunctioning microcontroller or a short circuit on the printed
circuit board. In normal operation mode, a logical “low” signal on the TxD input for the time tTxD disables the
output stage of the transmitter (see Figure 13). The receiver will remain active and the data on the bus are still
monitored on the RxD output.
The TLE7258 will release the output stage after a TxD time-out event first when detecting a logical “high”
signal on the TxD input for the time tto,rec.
Figure 13 TxD time-out
3.10
3.3 V and 5 V logic capability
The TLE7258 can be used for 3.3 V and 5 V microcontrollers. The logic inputs and the outputs are capable to
operate with both voltage levels. The RxD output needs an external pull-up resistor to the microcontroller
supply to define the voltage level (see Chapter 6.6 “RxD Pull-up resistor” on Page 26 and Figure 16).
3.11
Short circuit
The BUS pin of TLE7258 can withstand short circuits to either GND or to the VS power supply. The integrated
over-temperature protection may disable the transmitter in case of a permanent short circuit on the bus pin
is causing the overheating.
TLE7258_TXD_TIMEOUT
TxD
t
to,rec
t
TxD
TxD time-out due to e.g. microcontroller error
Release after TxD time-out
Recovery of the microcontroller error
Normal communication
Normal communication
V
BUS
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com