Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258LE Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 5Page - Infineon Technologies AG TLE7258LE Datasheet HTML 6Page - Infineon Technologies AG TLE7258LE Datasheet HTML 7Page - Infineon Technologies AG TLE7258LE Datasheet HTML 8Page - Infineon Technologies AG TLE7258LE Datasheet HTML 9Page - Infineon Technologies AG TLE7258LE Datasheet HTML 10Page - Infineon Technologies AG TLE7258LE Datasheet HTML 11Page - Infineon Technologies AG TLE7258LE Datasheet HTML 12Page - Infineon Technologies AG TLE7258LE Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Datasheet
9
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Functional description
While the TLE7258 is in normal operation mode the following functions are available:
• The transmitter is turned on; data on the TxD input are driven on the LIN bus.
• The receiver is turned on; data on the LIN bus are monitored and signaled on the RxD output.
• The BUS pin is terminated to VS via the internal termination resistor RBUS (see Figure 1).
• The TxD input is pulled up via a current source to the internal power supply of the TLE7258.
• The INH output is switched on.
• The bus wake-up comparator is turned off.
• The two-level undervoltage detection is active. In case VS drops below the undervoltage detection level the
TLE7258 blocks the transmitter and receiver. In case VS drops below the power-on reset level VS,UV,PON the
TLE7258 changes the operation mode to standby mode after recovery (see “Undervoltage detection” on
Page 15).
• The EN input is active. A “low” signal on the EN input triggers a transition to Sleep.
After a mode change to normal operation the TLE7258 requires a logical “high” signal for the time tto,rec on the
TxD input before releasing the data communication (see Figure 5). The transmitter remains deactivated as
long as the signal on the TxD input remains logical “low”, preventing possible bus communication
disturbance.
3.3
Standby mode
The standby mode is entered automatically after:
• A power-up event on the supply VS.
•A bus wake-up event.
• A power-on reset caused by the supply VS.
In standby mode no communication to the LIN bus is possible. The transmitter and the receiver are disabled.
While the TLE7258 is in standby mode the following functions are available:
• The transmitter is turned off, the TxD input is inactive and the bus output is permanent “recessive”.
• The receiver is turned off.
• The RxD output indicates either a wake-up event or a power-up event (see Figure 4 and Table 1).
• The BUS pin is terminated to VS via the internal termination resistor RBUS (see Figure 1).
• The TxD input is pulled up with a current source to the internal power supply of the TLE7258.
• The INH output is switched on.
• The bus wake-up comparator is active and indicates wake-up events on the RxD pin.
• In standby mode only the power-on reset level of the undervoltage detection is active (see “Undervoltage
detection” on Page 15).
• The EN input is active. A “high” signal on the EN input triggers a transition to normal operation mode (see
Figure 5).
After a power-up event the TLE7258 enters standby mode by default. The EN pin has an internal pull-down
resistor and the TLE7258 remains in standby until the external microcontroller applies a logical “high” signal
at the EN input (see Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com