Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 145Page - STMicroelectronics STM32W108HB Datasheet HTML 146Page - STMicroelectronics STM32W108HB Datasheet HTML 147Page - STMicroelectronics STM32W108HB Datasheet HTML 148Page - STMicroelectronics STM32W108HB Datasheet HTML 149Page - STMicroelectronics STM32W108HB Datasheet HTML 150Page - STMicroelectronics STM32W108HB Datasheet HTML 151Page - STMicroelectronics STM32W108HB Datasheet HTML 152Page - STMicroelectronics STM32W108HB Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
149/278
9.12.14
Serial controller receive DMA channel A first error register
(SCx_DMARXERRAR)
Address offset: 0xC834 (SC1_DMARXERRAR) and 0xC034 (SC2_DMARXERRAR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
ADD[12:0]:
9.12.15
Serial controller receive DMA channel B first error register
(SCx_DMARXERRBR)
Address offset: 0xC838 (SC1_DMARXERRBR) and 0xC038 (SC2_DMARXERRBR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
ADD[12:0]:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
ADD[12:0]
r
r
r
r
r
rr
rr
rr
r
r
Bits [31:13]
Bits [12:0]
The offset from the start of DMA receive buffer A of the first byte received with a parity, frame,
or overflow error. Note that an overflow error occurs at the input to the receive FIFO, so this
offset is 4 bytes before the overflow position. If there is no error, it reads zero. This register is
not updated by subsequent errors until the buffer unloads and is reloaded, or the receive
DMA is reset.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
ADD[12:0]
r
r
r
r
r
rr
rr
rr
r
r
Bits [31:13]
Bits [12:0]
The offset from the start of DMA receive buffer B of the first byte received with a parity, frame,
or overflow error. Note that an overflow error occurs at the input to the receive FIFO, so this
offset is 4 bytes before the overflow position. If there is no error, it reads zero. This register is
not updated by subsequent errors until the buffer unloads and is reloaded, or the receive
DMA is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com