Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 151Page - STMicroelectronics STM32W108HB Datasheet HTML 152Page - STMicroelectronics STM32W108HB Datasheet HTML 153Page - STMicroelectronics STM32W108HB Datasheet HTML 154Page - STMicroelectronics STM32W108HB Datasheet HTML 155Page - STMicroelectronics STM32W108HB Datasheet HTML 156Page - STMicroelectronics STM32W108HB Datasheet HTML 157Page - STMicroelectronics STM32W108HB Datasheet HTML 158Page - STMicroelectronics STM32W108HB Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
155/278
10
General-purpose timers
Each of the STM32W108's two general-purpose timers consists of a 16-bit auto-reload
counter driven by a programmable prescaler. They may be used for a variety of purposes,
including measuring the pulse lengths of input signals (input capture) or generating output
waveforms (output compare and PWM). Pulse lengths and waveform periods can be
modulated from a few microseconds to several milliseconds using the timer prescaler. The
timers are completely independent, and do not share any resources. They can be
synchronized together as described in Section 10.1.14: Timer synchronization on page 185.
The two general-purpose timers, TIM1 and TIM2, have the following features:
●
16-bit up, down, or up/down auto-reload counter.
●
Programmable prescaler to divide the counter clock by any power of two from 1 through
32768.
●
4 independent channels for:
–
Input capture
–
Output compare
●
PWM generation (edge- and center-aligned mode)
●
One-pulse mode output
●
Synchronization circuit to control the timer with external signals and to interconnect the
timers.
●
Flexible clock source selection:
–
Peripheral clock (PCLK at 6 or 12 MHz)
–
32 kHz HSE OSC (if available)
–
1 kHz clock
●
GPIO input
●
Interrupt generation on the following events:
–
Update: counter overflow/underflow, counter initialization (software or
internal/external trigger)
–
Trigger event (counter start, stop, initialization or count by internal/external trigger)
●
Input capture
●
Output compare
●
Supports incremental (quadrature) encoders and Hall sensors for positioning
applications.
●
Trigger input for external clock or cycle-by-cycle current management.
Note:
Because the two timers are identical, the notation TIMx refers to either TIM1 or TIM2. For
example, TIMx_PSC refers to both TIM1_PSC and TIM2_PSC. Similarly, "y" refers to any of
the four channels of a given timer, so for example, OCy refers to OC1, OC2, OC3, and OC4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com