Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 241 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 241 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 237Page - STMicroelectronics STM32W108HB Datasheet HTML 238Page - STMicroelectronics STM32W108HB Datasheet HTML 239Page - STMicroelectronics STM32W108HB Datasheet HTML 240Page - STMicroelectronics STM32W108HB Datasheet HTML 241Page - STMicroelectronics STM32W108HB Datasheet HTML 242Page - STMicroelectronics STM32W108HB Datasheet HTML 243Page - STMicroelectronics STM32W108HB Datasheet HTML 244Page - STMicroelectronics STM32W108HB Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Electrical characteristics
Doc ID 16252 Rev 14
241/278
14.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 45: Voltage characteristics,
Table 46: Current characteristics, and Table 47: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Regulator input voltage (VDD_PADS)
Analog, Memory and Core voltage (VDD_24MHZ, VDD_VCO,
VDD_RF, VDD_IF, VDD_PADSA, VDD_MEM, VDD_PRE,
VDD_SYNTH, VDD_CORE)
Voltage on RF_P,N; RF_TX_ALT_P,N
RF Input Power (for max level for correct packet reception see
Table 67: Receive characteristics)
RX signal into a lossless balun
Voltage on any GPIO (PA[7:0], PB[7:0], PC[7:0]), SWCLK,
NRST, VREG_OUT
Voltage on BIAS_R, OSC_OUT, OSC_IN
Total current into VDD/VDDA power lines (source)
Total current out of VSS ground lines (sink)
Output current sunk by any I/O and control pin
Output current source by any I/Os and control pin
Injected current on NRST pin
Injected current on HSE OSC_IN and LSE OSC_IN pins
Injected current on any other pin
Total injected current (sum of all I/O and control pins)
Storage temperature range
Maximum junction temperature
Table 45.
Voltage characteristics
Ratings
Min.
Max.
Unit
-0.3
+3.6
V
-0.3
+2.0
V
-0.3
+3.6
V
–
+15
dBm
-0.3
VDD_PADS +0.3
V
-0.3
VDD_PADSA +0.3
V
Table 46.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
150
mA
IVSS
150
IIO
25
−25
IINJ(PIN)
± 5
± 5
± 5
ΣIINJ(PIN)
± 25
Table 47.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
–40 to +140
°C
TJ
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com