Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 245 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 245 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 241Page - STMicroelectronics STM32W108HB Datasheet HTML 242Page - STMicroelectronics STM32W108HB Datasheet HTML 243Page - STMicroelectronics STM32W108HB Datasheet HTML 244Page - STMicroelectronics STM32W108HB Datasheet HTML 245Page - STMicroelectronics STM32W108HB Datasheet HTML 246Page - STMicroelectronics STM32W108HB Datasheet HTML 247Page - STMicroelectronics STM32W108HB Datasheet HTML 248Page - STMicroelectronics STM32W108HB Datasheet HTML 249Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Electrical characteristics
Doc ID 16252 Rev 14
245/278
14.4
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 55 for the SPI are derived from
tests performed under ambient temperature and VDD supply voltage conditions summarized
in Table 48: General operating conditions.
SPI clock frequency
Master mode
Slave mode
Duty cycle of SPI clock
frequency
Slave mode
SPI clock rise and fall
time
Capacitive load: C = 15 pF
NSS setup time
Slave mode
NSS hold time
Slave mode
SCK high and low time
Master mode
Data input setup time
Master mode
Slave mode
Data input hold time
Master mode
Slave mode
Data output access time Slave mode, fPCLK = 12 MHz
Data output disable time Slave mode
Data output valid time
Slave mode (after enable edge)
Master mode (after enable edge)
Data output hold time
Slave mode (after enable edge)
Master mode (after enable edge)
Table 55.
SPI characteristics
Symbol
Parameter
Conditions
Min
Max(1)
1.
Based on characterization, not tested in production.
Unit
fSCK
1/tc(SCK)
-12
MHz
-5
Duty(SCK)
30
70
%
tr(SCK)
tf(SCK)
-
8
ns
tsu(NSS)
2tPCLK
-
th(NSS)
2tPCLK
-
tw(SCKH)
tw(SCKL)
TCSCK/
2-2
TCSCK/
2+2
tsu(MI)
tsu(SI)
1-
0-
th(MI)
th(SI)
1-
0.25
-
ta(SO)
(2)
2.
Min time is for the minimum time to drive the output and max time is for the maximum time to validate the
data.
02tPCLK
tdis(SO)
(3)
3.
Min time is for the minimum time to invalidate the output and max time is for the maximum time to put the
data in Hi-Z.
Characterization values are related to STM32W108CC.
0
36
tv(SO)
(1)
tv(MO)
(1)
-
22
-
14.25
th(SO)
(1)
th(MO)
(1)
15.6
-
0-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com