Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM625 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM625 Datasheet HTML 56Page - Texas Instruments AM625 Datasheet HTML 57Page - Texas Instruments AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments AM625 Datasheet HTML 60Page - Texas Instruments AM625 Datasheet HTML 61Page - Texas Instruments AM625 Datasheet HTML 62Page - Texas Instruments AM625 Datasheet HTML 63Page - Texas Instruments AM625 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 255 page
background image
Table 6-8. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
DDR0_DQS0_n
IO
DDRSS Complimentary Data Strobe
E2
E1
DDR0_DQS1
IO
DDRSS Data Strobe
V1
T1
DDR0_DQS1_n
IO
DDRSS Complimentary Data Strobe
V2
R1
DDR0_ODT0
O
DDRSS On-Die Termination for Chip Select 0
H1
J4
DDR0_ODT1
O
DDRSS On-Die Termination for Chip Select 1
J3
K2
DDR0_RESET0_n
O
DDRSS Reset
G1
G2
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. The maximum power dissipation for the resistor is
5.2mW. No external voltage should be applied to this pin.
6.3.5 DSS
6.3.5.1 MAIN Domain
Table 6-9. DSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
VOUT0_DE
O
Video Output Data Enable
Y20
T17
VOUT0_EXTPCLKIN
I
Video Output External Pixel Clock Input
V25
P17
VOUT0_HSYNC
O
Video Output Horizontal Sync
AB24
W21
VOUT0_PCLK
O
Video Output Pixel Clock Output
AC24
U17
VOUT0_VSYNC
O
Video Output Vertical Sync
AC25
T16
VOUT0_DATA0
O
Video Output Data 0
U22
R21
VOUT0_DATA1
O
Video Output Data 1
V24
P18
VOUT0_DATA2
O
Video Output Data 2
W25
R18
VOUT0_DATA3
O
Video Output Data 3
W24
R19
VOUT0_DATA4
O
Video Output Data 4
Y25
R20
VOUT0_DATA5
O
Video Output Data 5
Y24
T20
VOUT0_DATA6
O
Video Output Data 6
Y23
T21
VOUT0_DATA7
O
Video Output Data 7
AA25
T19
VOUT0_DATA8
O
Video Output Data 8
V21
U21
VOUT0_DATA9
O
Video Output Data 9
W21
R17
VOUT0_DATA10
O
Video Output Data 10
V20
T18
VOUT0_DATA11
O
Video Output Data 11
AA23
U20
VOUT0_DATA12
O
Video Output Data 12
AB25
U19
VOUT0_DATA13
O
Video Output Data 13
AA24
V21
VOUT0_DATA14
O
Video Output Data 14
Y22
U18
VOUT0_DATA15
O
Video Output Data 15
AA21
V20
VOUT0_DATA16
O
Video Output Data 16
R24
N20
VOUT0_DATA17
O
Video Output Data 17
R25
N21
VOUT0_DATA18
O
Video Output Data 18
T25
M17
VOUT0_DATA19
O
Video Output Data 19
R21
N18
VOUT0_DATA20
O
Video Output Data 20
T22
N17
VOUT0_DATA21
O
Video Output Data 21
T24
N19
VOUT0_DATA22
O
Video Output Data 22
U25
P19
VOUT0_DATA23
O
Video Output Data 23
U24
P20
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
www.ti.com
60
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com