Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM625 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments AM625 Datasheet HTML 78Page - Texas Instruments AM625 Datasheet HTML 79Page - Texas Instruments AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments AM625 Datasheet HTML 82Page - Texas Instruments AM625 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 255 page
background image
Table 6-50. PRUSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
PR0_PRU0_GPO17
IO
PRUSS PRU Data Output
M21, V21
J18, U21
PR0_PRU0_GPO18
IO
PRUSS PRU Data Output
AC25, L21
H17, T16
PR0_PRU0_GPO19
IO
PRUSS PRU Data Output
AC24, K22
H18, U17
PR0_UART0_CTSn
I
PRUSS UART Clear to Send (active low)
AC20, AD17
AA16, V16
PR0_UART0_RTSn
O
PRUSS UART Request to Send (active low)
AB16, AE23
AA17, W18
PR0_UART0_RXD
I
PRUSS UART Receive Data
AC21, AE18,
B18, B19, C15
A18, B13, B18,
Y17, Y19
PR0_UART0_TXD
O
PRUSS UART Transmit Data
A19, AD18,
AE22, E15,
E18
A15, AA18,
B17, D18, W20
Table 6-51. PRUSS1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
PR0_PRU1_GPI0
I
PRUSS PRU Data Input
AA19, AC2,
R24, U22
N20, R21, V4,
Y21
PR0_PRU1_GPI1
I
PRUSS PRU Data Input
AD2, AE21,
R25, V24
N21, P18, W4,
Y18
PR0_PRU1_GPI2
I
PRUSS PRU Data Input
AC1, T25,
W25, Y18
AA20, M17,
R18, W3
PR0_PRU1_GPI3
I
PRUSS PRU Data Input
AA18, AB2,
R21, W24
N18, R19,
U15, Y2
PR0_PRU1_GPI4
I
PRUSS PRU Data Input
AB1, AD21,
Y25
R20, W17, Y1
PR0_PRU1_GPI5
I
PRUSS PRU Data Input
Y24
T20
PR0_PRU1_GPI6
I
PRUSS PRU Data Input
Y23
T21
PR0_PRU1_GPI7
I
PRUSS PRU Data Input
AA25
T19
PR0_PRU1_GPI8
I
PRUSS PRU Data Input
M25, W21
K19, R17
PR0_PRU1_GPI9
I
PRUSS PRU Data Input
N23, V20
L19, T18
PR0_PRU1_GPI10
I
PRUSS PRU Data Input
AA23, N24
L20, U20
PR0_PRU1_GPI11
I
PRUSS PRU Data Input
AB25, N25
L21, U19
PR0_PRU1_GPI12
I
PRUSS PRU Data Input
AA24, P24
M21, V21
PR0_PRU1_GPI13
I
PRUSS PRU Data Input
P22, Y22
L17, U18
PR0_PRU1_GPI14
I
PRUSS PRU Data Input
AA21, P21
L18, V20
PR0_PRU1_GPI15
I
PRUSS PRU Data Input
AB24, R23
M20, W21
PR0_PRU1_GPI16
I
PRUSS PRU Data Input
AC20, L21,
V21
H17, U21, V16
PR0_PRU1_GPI17
I
PRUSS PRU Data Input
Y20
T17
PR0_PRU1_GPI18
I
PRUSS PRU Data Input
AC25
T16
PR0_PRU1_GPI19
I
PRUSS PRU Data Input
AC24
U17
PR0_PRU1_GPO0
O
PRUSS PRU Data Output
AA19, AC2,
R24, U22
N20, R21, V4,
Y21
PR0_PRU1_GPO1
O
PRUSS PRU Data Output
AD2, AE21,
R25, V24
N21, P18, W4,
Y18
PR0_PRU1_GPO2
O
PRUSS PRU Data Output
AC1, T25,
W25, Y18
AA20, M17,
R18, W3
PR0_PRU1_GPO3
O
PRUSS PRU Data Output
AA18, AB2,
R21, W24
N18, R19,
U15, Y2
PR0_PRU1_GPO4
O
PRUSS PRU Data Output
AB1, AD21,
Y25
R20, W17, Y1
PR0_PRU1_GPO5
O
PRUSS PRU Data Output
Y24
T20
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com