Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM8024
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 4 Page - Analog Devices

  LTM8024 Datasheet HTML 1Page - Analog Devices LTM8024 Datasheet HTML 2Page - Analog Devices LTM8024 Datasheet HTML 3Page - Analog Devices LTM8024 Datasheet HTML 4Page - Analog Devices LTM8024 Datasheet HTML 5Page - Analog Devices LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices LTM8024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM8080
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
PSRR vs COUT
PSRR vs CSET
PSRR vs IOUT
PSRR vs VOUT
VBUS = 2.5V or (VOUT1 + 1V),
whichever is Greater
RMS Noise vs IOUT
RMS Noise vs CSET
Noise Spectral Density vs COUT
TA = 25°C, VBUS = VOUT1 + 1V, unless otherwise noted.
COUT = 4.7F
COUT = 10F
COUT = 22F
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
20
30
40
50
60
70
80
90
100
110
120
8080 G03
VIN = 12V
RSET = 33.2k
IOUT = 500mA
CSET = 0.47F
IBUS = 0A
CSET = 0.47F
CSET = 4.7F
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
20
30
40
50
60
70
80
90
100
110
120
8080 G04
VIN = 12V
RSET = 33.2k
IOUT = 500mA
COUT = 10F
IBUS = 0A
IOUT = 500mA
IOUT = 300mA
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
20
30
40
50
60
70
80
90
100
110
120
130
VIN = 12V
RSET = 33.2k
CSET = 0.47F
COUT = 10F
IBUS = 0A
8080 G05
VOUT = 3.3V
VOUT = 1.0V
VOUT = 0.5V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
20
30
40
50
60
70
80
90
100
110
120
8080 G06
VIN = 12V
IOUT = 500mA
CSET = 0.47F
COUT = 10F
IBUS = 0A
COUT = 10F
COUT = 22F
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0.1
1
10
100
1k
8080 G09
VIN = 12V
RSET = 33.2k
IOUT = 500mA
CSET = 10F
IBUS = 0A
SET Pin Current Distribution
VOS Distribution
N = 700
ISET DISTRIBUTION (A)
98
99
100
101
102
8080 G01
N = 700
VOS DISTRIBUTION (mV)
–2
–1
0
1
2
8080 G02
LOAD CURRENT (mA)
0
100
200
300
400
500
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
8080 G07
VIN = 12V
RSET = 33.2k
CSET = 4.7F
COUT = 10F
IBUS = 0A
SET PIN CAPACITANCE (F)
0.01
0.1
1
10
0
1
2
3
4
5
6
7
8
9
10
11
8080 G08
VIN = 12V
RSET = 33.2k
IOUT = 500mA
COUT = 10F
IBUS = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com