Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM8024
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 11Page - Analog Devices LTM8024 Datasheet HTML 12Page - Analog Devices LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTM8080
15
Rev. 0
For more information www.analog.com
The LTM8080 is a 40VIN, dual 500mA or single 1A ultralow
noise, ultrahigh PSRR µModule regulator. LTM8080 has
cascaded architecture with a 40VIN step-down Silent
Switcher regulator and dual high-performance low-drop-
out linear regulators. The dual LDOs feature ADI’s ultralow
noise and ultrahigh PSRR architecture for powering
noise- sensitive applications. The LTM8080 is an inte-
grated solution of a switching regulator and two LDOs
which offers both advantages while maintaining a small
size and significantly reduced PCB layout sensitivity.
The package includes the controllers, power switches,
inductors, and support components. Operating over a
wide input voltage range, the LTM8080 supports a switch-
ing frequency range of 200kHz to 2.2MHz and a wide
output voltage range of 0V to 8V.
The LTM8080 has a built-in voltage tracking function that
automatically sets VBUS to 1V higher than the VSNS1 or
sets VBUS to 2.5V, whichever is higher, to achieve the best
noise performance and minimized power dissipation.
Switching Regulator
The front-end switching regulator is a nonisolated step-
down switching DC/DC power supply that can deliver up
to 1.5A continuous current. The internal operating tem-
perature determines the continuous current. If VSNS1 is
higher than 1.5V, VBUS is regulated to be 1V higher than
VSNS1; if VSNS1 is lower than 1.5V, VBUS is set to 2.5V. The
input voltage range is 3.5V to 40V. Given that the switch-
ing regulator is a step-down converter ensure that the
input voltage is high enough to support the desired output
voltage and load current. See simplified Block Diagram.
The front-end switching regulator contains a current mode
controller, power switching elements, a power inductor,
and a modest input and output capacitance. The switching
regulator is a fixed-frequency PWM regulator. The switch-
ing frequency is set by simply connecting the appropriate
resistor value from the RT pin to GND.
Use the RUN pin to place the switching regulator in shut-
down, reducing the input current to a few microamps.
To enhance efficiency, tie the SYNC pin to GND, so the
switching regulator automatically switches to Burst Mode
operation in light or no-load situations. Between bursts,
all circuitry associated with controlling the output switch
is shut down, reducing the input supply current to just a
few microamps.
The oscillator reduces the switching regulator’s operating
frequency when the voltage at the internal FB pin is low.
This frequency foldback helps to control the output cur-
rent during start-up and overload.
A Soft-start is implemented by generating a voltage ramp
at the SS pin using an external capacitor that is charged
by an constant internal current.
The switching regulator is equipped with a thermal
shutdown that inhibits power switching at high junction
temperatures. The activation threshold of this function
is above the maximum temperature rating to avoid inter-
fering with regular operation, so prolonged or repet-
itive operation under a condition in which the thermal
shutdown activates may damage or impair the device’s
reliability.
Linear Regulators
The back-end linear regulators are high-performance
low dropout linear regulators featuring ADI’s ultralow
noise (2nV/√Hz at 10kHz) and ultrahigh PSRR (76dB at
1MHz) architecture for powering noise-sensitive applica-
tions. Designed as a precision current source followed
by a high-performance rail-to-rail voltage buffer, the LDO
outputs can be easily paralleled to reduce noise further,
increase output current, and spread heat on the PCB. The
device additionally features fast start-up capability and
programmable power good.
The LDOs are easy to use and incorporate all the protec-
tion features expected in high-performance regulators.
Included are short-circuit protection, safe operating area
protection, reverse-battery protection, reverse-current
protection, and thermal shutdown with hysteresis.
The VOUT1 LDO incorporates a VIOC tracking function to
control the front-end switching regulator to maintain a 1V
constant voltage across the LDO VOUT1 and minimizing
power dissipation.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com