Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM8024
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 12Page - Analog Devices LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM8080
16
Rev. 0
For more information www.analog.com
For most applications, the design process is straightfor-
ward, summarized as follows:
1. See Table 1 and find the row with the desired input
range and output voltage.
2. Apply the recommended CIN, CBUS, COUT, CSET, RSET,
and RT values.
While these component combinations have been tested
for proper operation, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load, and environmental conditions. Remember that the
maximum output current is limited by junction tempera-
ture, the relationship between the input and output volt-
age magnitude, and other factors. See the graphs in the
Typical Performance Characteristics section for  more
details.
The recommended frequency (and attendant RT value) at
which the LTM8080 is optimal for efficiency over the given
input condition is shown in the fSW column in Table 1.
Additional conditions must be satisfied if the synchroniza-
tion function is used. Please refer to the Synchronization
section for details.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the min-
imum recommended values for the associated operating
conditions. Applying capacitor values below those shown
in Table 1 is not recommended and may result in undesir-
able operation. Using larger values is generally acceptable
and can yield improved dynamic response if necessary.
Again, it is incumbent upon the user to verify proper oper-
ation over the intended system’s line, load, and environ-
mental conditions.
Ceramic capacitors are small, robust, and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and
applied voltage and give dependable service. Other types,
including Y5V and Z5U, have a very large temperature
and voltage coefficients of capacitance. In an application
circuit, they may have only a tiny fraction of their nominal
capacitance resulting in a much higher output voltage
ripple than expected.
Ceramic capacitors are also piezoelectric. In Burst Mode
operation, the LTM8080’s switching frequency depends
on the load current and can excite a ceramic capacitor
at audio frequencies, generating audible noise. Since
the LTM8080 operates at a lower current limit during
Burst-Mode operation, the noise is typically very quiet
to a casual ear. If this audible noise is unacceptable, use
a high-performance electrolytic capacitor at VBUS. It may
also be a parallel combination of a ceramic capacitor and
a low-cost electrolytic capacitor.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN*
(V)
VOUT
(V)
VBUS
(V)
RSET
(kΩ)
CSET
CIN**
CBUS
COUT
fSW
RT
(kΩ)
3.5 to 40
0.8
2.5
8.06
4.7µF 4V
1µF 50V
22µF 6.3V
10µF 4V
800kHz
52.3
3.5 to 40
1
2.5
10
4.7µF 4V
1µF 50V
22µF 6.3V
10µF 4V
800kHz
52.3
3.5 to 40
1.2
2.5
12.1
4.7µF 4V
1µF 50V
22µF 6.3V
10µF 4V
800kHz
52.3
3.5 to 40
1.5
2.5
15
4.7µF 4V
1µF 50V
22µF 6.3V
10µF 4V
800kHz
52.3
3.5 to 40
1.8
2.8
18.2
4.7µF 4V
1µF 50V
22µF 6.3V
10µF 4V
900kHz
46.4
4.5 to 40
2
3
20
4.7µF 4V
1µF 50V
22µF 6.3V
10µF 4V
1MHz
40.2
5 to 40
2.5
3.5
24.9
4.7µF 6.3V
1µF 50V
10uF 10V
10µF 6.3V
1.1MHz
36.5
6 to 40
3.3
4.3
33.2
4.7µF 6.3V
1µF 50V
10uF 10V
10µF 6.3V
1.2MHz
33.2
9 to 40
5
6
49.9
4.7µF 10V
1µF 50V
10uF 16V
10µF 10V
1.3MHz
30.1
15 to 40
8
9
80.6
4.7µF 16V
1µF 50V
10uF 16V
10µF 16V
1.5MHz
24.3
*The LTM8080 may be capable of lower input voltages but may skip switching cycles or reduce its operating frequency.
**An input bulk capacitor is required.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com