Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM8024
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM8080
19
Rev. 0
For more information www.analog.com
large output capacitance of the load. However, when a
clock is applied to the SYNC pin, the frequency foldback
is disabled.
Synchronization
To select low ripple Burst Mode operation, tie the SYNC
pin below 0.4V (this can be ground or a logic low out-
put). Then, to synchronize the LTM8080 oscillator to an
external frequency, connect a square wave (with about
20% to 80% duty cycle) to the SYNC pin. The square
wave amplitude should have valleys below 0.4V and peaks
above 1.5V.
The LTM8080 may be synchronized over a 200kHz to
2.2MHz range. The LTM8080 will not enter Burst Mode
operation at light output loads while synchronized to an
external clock but instead will pulse-skip to maintain
regulation. The RT resistor should be chosen to set the
switching frequency equal to or below the lowest syn-
chronization input. For example, if the synchronization
signal is 500kHz and higher, the RT should be selected
for 500kHz or lower frequency.
The LTM8080 features spread-spectrum operation to
further reduce EMI/EMC emissions. To enable spread
spectrum operation, apply between 2.9V and 4.2V to the
SYNC pin. In this mode, triangular frequency modula-
tion is used to vary the switching frequency between the
value programmed by RT to about 20% higher than that
value. The modulation frequency is about 3kHz. When the
spread-spectrum operation is selected, the Burst-Mode
operation is disabled, and the part may run in pulse-skip-
ping mode.
PSRR
While the high-level integration of LTM8080 solves most
headache routing to achieve ultrahigh PSRR, ADI still rec-
ommends using the LTM8080 demo board layout and the
input/output capacitances shown in Table 1 for achieving
the best possible PSRR performance.
Output Noise
LTM8080 back-end linear regulator uses a 100µA current
reference to define output voltage. This current reference
operates with a typical noise current level of 20pA/√Hz
(6nARMS over a 10Hz to 100kHz bandwidth). The resultant
voltage noise equals the current noise multiplied by the
resistor value, which in turn is RMS summed with the
error amplifier’s noise and the resistor’s noise of √4kTR,
where by k = Boltzmann’s constant 1.38 • 10–23J/K and
T is the absolute temperature.
Conventional linear regulators use a resistor divider to set
the output voltage. This method gains the reference noise
and injects that noise onto the output. The LTM8080 uses
the ADI patented unity-gain follower architecture to set the
output voltage. This unique architecture does not gain any
noise present at the SET pin, thereby minimizing noise
injected into the output. Therefore, if a capacitor bypasses
the SET pin resistor, the output noise is independent of the
programmed output voltage. The resultant output noise is
set just by the error amplifier’s noise—typically 2nV/√Hz
from 10kHz to 1MHz and 0.8µVRMS in a 10Hz to 100kHz
bandwidth using a 4.7uF SET pin capacitor. Therefore,
paralleling multiple LTM8080 outputs will reduce noise
by √N for N outputs.
See the Typical Performance Characteristics section for
noise spectral density, and RMS-integrated noise over
various load current and SET pin capacitances.
Set PIN (Bypass) Capacitance: Noise, PSRR, Transient
Response, and VOUT Soft-Start
In addition to reducing output noise, using a SET pin
bypass capacitor improves PSRR and transient perfor-
mance. Note that any bypass capacitor leakage deterio-
rates the LTM8080 output DC regulation. Capacitor leak-
age of even 100nA is a 0.1% DC error. Therefore, ADI
recommends using a good quality low leakage ceramic
capacitor.
Using a SET pin bypass capacitor also soft-starts the
output and limits inrush current. The RC time constant,
formed by the SET pin resistor and capacitor, controls
soft-start time. Ramp-up rate from 0 to 90% of nominal
VOUT shown in Equation 2.
tSS ≈ 2.3 • RSET • CSET (Fast Start-Up Disabled) (2)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com