Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM8024
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTM8080
17
Rev. 0
For more information www.analog.com
A final precaution regarding ceramic capacitors con-
cerns the maximum input voltage rating of the LTM8080.
A ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit. If
the LTM8080 circuit is plugged into a live supply, the input
voltage can ring twice its nominal value, possibly exceed-
ing the device’s rating. This situation is easily avoided; see
the Hot-Plugging Safely section.
Frequency Selection
The LTM8080 uses a constant-frequency PWM architec-
ture that can be programmed to switch from 200kHz to
2.2MHz by using a resistor tied from the RT pin to the
ground. Table 2 provides a list of RT resistor values and
their resultant frequencies.
Table 2. SW Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.2
221
0.3
143
0.4
110
0.5
86.6
0.6
71.5
0.7
60.4
0.8
52.3
0.9
46.4
1.0
40.2
1.2
33.2
1.4
27.4
1.6
23.7
1.8
20.5
2
18.2
2.2
16.2
Operating Frequency Trade-Offs
It is recommended that the user apply the optimal RT
value shown in Table 1 for the input and output operating
conditions. System level or other considerations, however,
may necessitate another operating frequency. While the
LTM8080 is flexible enough to accommodate a wide range
of operating frequencies, a haphazardly chosen one may
result in undesirable operation under certain operating or
fault conditions. A frequency that is too high can reduce
efficiency, generate excessive heat, or even damage the
LTM8080 if the output is overloaded or short-circuited. A
frequency that is too low can result in a final design that
has too much VBUS ripple or too large of a VBUS capacitor.
Maximum Load
The maximum practical continuous load that the LTM8080
can drive, while rated at 500mA per channel, actually
depends upon both the internal current limit and the inter-
nal temperature. The internal current limit is designed to
prevent damage to the LTM8080 in the case of overload
or short-circuit. The internal temperature of the LTM8080
depends upon operating conditions such as the ambi-
ent temperature, the power delivered, and the system’s
heat-sinking capability. For example, if the output voltage
is 8V and the ambient temperature is 85°C, the LTM8080
will provide at most 200mA from 36VIN, less than the
500mA continuous rating. See the derating curves in the
Typical Performance Characteristics section.
Load Sharing
The two LTM8080 channels may be paralleled to produce
a higher current. To do this, tie the VOUTn, VSNSn, and
VSETn pins of all the paralleled channels together. Connect
the VOUTn pins using small pieces of PCB trace (used as
a ballast resistor) to equalize currents in the LTM8080
outputs. PCB trace resistance in milliohms/inch is shown
in Table 3.
Table 3. PC Board Trace Resistance*
WEIGHT (oz)
WIDTH (10mil)
WIDTH (20mil)
1
54.3
27.1
2
27.1
13.6
*Trace resistance is measured in mΩ/in.
The slight worst-case offset of 2mV for each output min-
imizes the required ballast resistor value. Figure 1 shows
that LTM8080 two outputs, each using a 20mΩ PCB trace
ballast resistor, provide better than 20% accurate output
current sharing at full load. The two 20mΩ external resis-
tors only add 10mV of output regulation drop with a 1A
maximum current. A 3.3V output, only adds 0.3% to the
regulation accuracy. Tie the VSNSn pin directly to each
output capacitor, respectively. The Typical Applications
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com