Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM8024
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTM8080
18
Rev. 0
For more information www.analog.com
section gives an example of both channels of the LTM8080
configured for load sharing. When load sharing among
n channels and using a single RSET resistor, the value of
the resistor is shown in Equation 1.
RSET =
VOUT
n •100µA
(1)
CIN
VOUT
1A
(MAX)
RSET
COUT1
COUT
20m
COUT2
20m
CBUS
RT
VIN
RUN
SYNC
RT
VIN
SS
GND
VBUS
LDO1
LDO2
VOUT1
VSNS1
VOUT2
VSNS2
PGFB1
SET1
PGFB2
SET2
STEP-DOWN
SWITCHING
REGULATOR
CSET
CSS
LTM8080
8080 F01
Figure 1. Paralleling Two Channels of LTM8080
Burst-Mode Operation
To enhance efficiency at light loads, the LTM8080 can be
configured to Burst Mode operation, which keeps the VBUS
capacitor charged to the proper voltage while minimizing
the quiescent input current. During Burst Mode opera-
tion, the LTM8080 delivers single-cycle bursts of current
to the VBUS capacitor, followed by sleep periods where
most of the internal circuitry is powered off, and energy is
provided to the LDOs by the VBUS capacitor. During sleep
time, VIN quiescent current is significantly reduced, so as
the load current decreases towards a no-load condition,
the percentage of time that the LTM8080 operates in sleep
mode increases, and the average input current are sig-
nificantly reduced, resulting in higher light load efficiency.
Burst Mode operation is enabled by tying SYNC to GND.
Minimum Input Voltage
The LTM8080’s front end is a step-down converter, so
a minimum headroom is required to keep the output in
regulation. Keep the input above 3.5V to ensure proper
operation. Voltage transients or ripple valleys that cause
the input to fall below 3.5V may turn off the LTM8080.
VBUS Soft-Start
The LTM8080 allows the user to program its VBUS volt-
age ramp rate using the SS pin. An internal 2μA pulls up
the SS pin to about 3.1V. Putting an external capacitor
on SS enables soft-starting the VBUS to reduce current
surges on the input supply. The VBUS voltage will pro-
portionally track the SS pin voltage during the soft-start
ramp. When the SS voltage exceeds 0.778V, the internal
feedback voltage will take over and regulate the internal
reference voltage. The SS pin may be left floating if the
function is not needed.
An active pull-down circuit is connected to the SS pin,
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the RUN pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Refer to Set PIN (Bypass) Capacitance: Noise, PSRR,
Transient Response, and VOUT Soft-Start section for the
output soft-start function.
Prebiased Output
As the LTM8080 regulates the VOUT to VSET, if the
LTM8080 output is higher than the target output volt-
age, the LTM8080 cannot regulate the output to target
output voltage.
VBUS can be used as an auxiliary supply, so care should
be taken if the VBUS voltage is higher than the target
VBUS voltage. LTM8080 front-end switching regulator
will attempt to regulate the VBUS voltage to the target
VBUS voltage by returning a small amount of energy back
to the input supply. If nothing is loading the input supply,
its voltage may rise. Take care that it stays high enough
that the input voltage is at most the absolute maximum
rating of the LTM8080.
Frequency Foldback
The LTM8080 is equipped with frequency foldback, which
reduces the thermal and energy stress on the internal
power elements during a short-circuit or output overload
condition. During the start-up time, frequency foldback is
also active to limit the energy delivered to the potentially
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com