Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313JVPBF Datasheet(PDF) 28 Page - Analog Devices

Part # LTC3313JVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313JVPBF Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC3313JVPBF Datasheet HTML 20Page - Analog Devices LTC3313JVPBF Datasheet HTML 21Page - Analog Devices LTC3313JVPBF Datasheet HTML 22Page - Analog Devices LTC3313JVPBF Datasheet HTML 23Page - Analog Devices LTC3313JVPBF Datasheet HTML 24Page - Analog Devices LTC3313JVPBF Datasheet HTML 25Page - Analog Devices LTC3313JVPBF Datasheet HTML 26Page - Analog Devices LTC3313JVPBF Datasheet HTML 27Page - Analog Devices LTC3313JVPBF Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC3313
28
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2023
01/23
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3307A/LTC3307B,
LTC3308A/LTC3308B,
LTC3309A/LTC3309B
3A, 4A and 6A 5V Synchronous Step-Down
Silent Switcher DC/DC
Monolithic Synchronous Step-Down DC/DC Capable of Supplying Up to 6A at
Switching Frequencies Up to 3MHz(A)10MHz(B); Silent Switcher Architecture
for Ultralow EMI Emissions; 2.25V to 5.5V Input Operating Range; 0.5V to VIN
Output Voltage Range with ±1% Accuracy; PGOOD Indication, RT Programming,
SYNC Input; 2mm × 2mm LQFN
LTC3310/LTC3310S
LTC3311/LTC3311S
5V, 10A/12.5A Synchronous Step-Down
Silent Switcher/Silent Switcher 2
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 10A/12.5A
at Switching Frequencies Up to 5MHz; Silent Switcher Architecture for Ultralow
EMI Emissions; 2.25V to 5.5V Input Operating Range; 0.5V to VIN Output Voltage
Range with ±1% Accuracy; PGOOD Indication, RT Programming, SYNC Input;
Configurable for Paralleling Power Stages; 3mm × 3mm LQFN
LTC3315A/LTC3315B Dual 5V, 2A Synchronous Step-Down DC/DCs
Dual Monolithic Synchronous Step-Down Voltage Regulators each Capable of
Supplying 2A at Switching Frequencies Up to 3MHz(A) and 10MHz(B); 2.25V
to 5.5V Input Operating Range; 0.5V to VIN Output Voltage Range with ±1%
Accuracy; PGOOD Indication, SYNC Input; 2mm × 2mm LQFN
LTC3612
5.5V, 3A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60µA, ISD < 1µA,
TSSOP-16E and 4mm × 4mm QFN-16 Packages
LTC3614/LTC3616
5.5V, 4A/6A (IOUT), 4MHz, Synchronous Step-
Down DC/DC Converter with Tracking and DDR
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
3mm × 5mm QFN-24 Package
LTC3615/LTC3615-1 Dual Channel 5.5V, 3A (IOUT), 4MHz,
Synchronous Step-Down DC/DC Converter
94% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.6V, IQ = 130µA, ISD < 1µA,
4mm × 4mm QFN-24 Package
LTC3636/LTC3636-1 Dual Channel 6A, 20V Monolithic Synchronous
Step-Down Regulator
95% Efficiency, VIN: 3.1V to 20V, VOUT(MIN) = 0.6V (LTC3636), 1.8V
(LTC3636-1), IQ = 1.3mA, ISD < 13µA, 4mm × 5mm QFN-28
LTC7150S
20V, 20A Synchronous Step-Down
Silent Switcher 2 Regulator
92% Efficiency, VIN: 3.1V to 20V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD ≤ 40µA,
Differential Remote Sense, 6mm × 5mm BGA
LTC7151S
20V, 15A Synchronous Step-Down
Silent Switcher 2 Regulator
92.5% Efficiency, VIN: 3.1V to 20V, VOUT(MIN) = 0.5V, IQ = 2mA, ISD < 20µA,
4mm × 5mm LQFN-28
LT8640S
42V, 6A Synchronous Step-Down
Silent Switcher 2 with 2.5μA Quiescent Current
96% Efficiency, VIN: 3.4V to 42V, VOUT(MIN) = 1.0V, IQ = 230µA, ISD < 1µA,
4mm × 4mm LQFN-24
LT8642S
18V, 10A Synchronous Step-Down
Silent Switcher 2 Regulator
96% Efficiency, VIN: 2.8V to 18V, VOUT(MIN) = 0.6V, IQ = 240µA, ISD < 1µA,
4mm × 4mm LQFN-24
LT8650S
Dual Channel 4A, 42V, Synchronous Step-Down
Silent Switcher 2 with 6.2µA Quiescent Current
94.5% Efficiency, VIN: 3V to 42V, VOUT(MIN) = 0.8V, IQ = 5mA, ISD < 2µA,
4mm × 6mm LQFN-32
3MHz, 1.0V, 15A, Forced Continuous Mode
3313 TA09
VOUT
1.0V
15A
PGOOD
SW
FB
AGND
RT
EN
22µF
×3
VIN
PGND
LTC3313
VIN
3.0V TO 3.6V
22µF
0.1µF
0.1µF
22µF
100k
10pF
100k
4.75k
178k
470pF
0.1µF
L
72nH
L = COILCRAFT XEL3515-720MEB
MODE/SYNC
SSTT
ITH
1F
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com