Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313JVPBF Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3313JVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313JVPBF Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3313JVPBF Datasheet HTML 7Page - Analog Devices LTC3313JVPBF Datasheet HTML 8Page - Analog Devices LTC3313JVPBF Datasheet HTML 9Page - Analog Devices LTC3313JVPBF Datasheet HTML 10Page - Analog Devices LTC3313JVPBF Datasheet HTML 11Page - Analog Devices LTC3313JVPBF Datasheet HTML 12Page - Analog Devices LTC3313JVPBF Datasheet HTML 13Page - Analog Devices LTC3313JVPBF Datasheet HTML 14Page - Analog Devices LTC3313JVPBF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC3313
11
Rev. 0
For more information www.analog.com
OPERATION
Voltage Regulation
The LTC3313 is a monolithic, constant frequency, current
mode step-down DC/DC converter. An oscillator turns on
the internal top power switch at the beginning of each
clock cycle. Current in the inductor increases until the
top switch current comparator trips and turns off the top
power switch. The peak inductor current at which the top
switch turns off is controlled by the voltage on the ITH
node. The error amplifier servos the ITH node by compar-
ing the voltage on the FB node with an internal 500mV
reference. When the load current increases, it causes a
reduction in the feedback voltage relative to the reference
leading the error amplifier to raise the ITH voltage until the
average inductor current matches the new load current.
When the top power switch turns off, the synchronous
power switch turns on until the next clock cycle begins
or, if in pulse-skipping mode, until the inductor current
falls to zero. If overload conditions result in excessive
current flowing through the bottom switch, the next clock
cycle will be delayed until the switch current returns to
a safe level.
On the LTC3313, the output voltage is resistively divided
externally to create a feedback voltage for the regulator.
In high current operation, a ground offset may be pres-
ent between the LTC3313 local ground and ground at the
load. To overcome this offset, AGND should have a Kelvin
connection to the load ground, and the lowest potential
node of the resistor divider should be connected to AGND.
The internal error amplifier senses the difference between
this feedback voltage and a 0.5V AGND-referenced volt-
age. This scheme overcomes any ground offsets between
local ground and remote output ground, resulting in a
more accurate output voltage. The LTC3313 allows for
remote output ground deviations as much as ±100mV
with respect to local ground.
If the EN pin is low, the LTC3313 is shut down and in a low
quiescent current state. When the EN pin is above its thresh-
old, the switching regulator will be enabled.
Silent Switcher
The LTC3313 uses Silent Switcher 1 technology, allowing
fast switching edges for high efficiency at high switching
frequencies, while simultaneously achieving good EMI
performance. Ceramic capacitors on VIN keep all the fast
AC current loops small, improving EMI performance.
Synchronizing the Oscillator to an External Clock
The LTC3313’s internal oscillator is synchronized through
an internal PLL circuit to an external frequency by apply-
ing a square wave clock signal to the MODE/SYNC pin.
During synchronization, the top power switch turn-on is
locked to the rising edge of the external frequency source.
While synchronizing, the switcher operates in forced con-
tinuous mode. The slope compensation is automatically
adapted to the external clock frequency.
After detecting an external clock on the first rising edge
of the MODE/SYNC pin, the internal PLL gradually adjusts
its operating frequency to match the frequency and phase
of the signal on the MODE/SYNC pin. When the external
clock is removed, the LTC3313 detects the absence of
the external clock within approximately 20µs. During this
time, the PLL will continue to provide clock cycles. Once
the external clock removal has been detected, the oscilla-
tor gradually adjusts its operating frequency back to the
2MHz default frequency.
Mode Selection
The MODE/SYNC pin either synchronizes the switching
frequency to an external clock, is a clock output, or sets
the PWM mode. The PWM mode of operation is either
pulse-skipping or forced continuous. See Table 6 in the
Applications Information section. In pulse-skipping mode,
switching cycles are skipped at light loads to regulate the
output voltage. During forced continuous mode, the top
switch turns on every cycle and light load regulation is
achieved by allowing negative inductor current.
Output Power Good
Comparators monitoring the FB node voltage pull the
PGOOD pin low if the output voltage varies from the
nominal set point or if a fault condition is present. The
comparator includes voltage hysteresis. A time delay to
report PGOOD is used to filter short duration output volt-
age transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com