Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313JVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LTC3313JVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313JVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC3313JVPBF Datasheet HTML 15Page - Analog Devices LTC3313JVPBF Datasheet HTML 16Page - Analog Devices LTC3313JVPBF Datasheet HTML 17Page - Analog Devices LTC3313JVPBF Datasheet HTML 18Page - Analog Devices LTC3313JVPBF Datasheet HTML 19Page - Analog Devices LTC3313JVPBF Datasheet HTML 20Page - Analog Devices LTC3313JVPBF Datasheet HTML 21Page - Analog Devices LTC3313JVPBF Datasheet HTML 22Page - Analog Devices LTC3313JVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC3313
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 3. Soft-Start and Temperature Monitor Operation
0
DIE TEMP
(°C)
FB
(V)
150
0.1
125
75
0.6
0.3
100
50
0.5
25
0.4
0.2
0
0.5
1.5
0.6
1.6
0.3
1.3
3313 F03
1.7
0.4
1.4
0.2
1.2
0.1
SSTT (V)
TEMP
MONITOR
~4mV/°C
SSTT PIN VOLTAGE
OPERATING RANGE
SOFT-START
AND TRACKING
When the output voltage goes out of regulation and the
power good pin is pulled low, the soft-start pin no longer
reports the temperature.
Output Power Good
When the LTC3313’s output voltage is within the –2/+10%
window of the nominal regulation voltage the output is
considered good. The open-drain PGOOD pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal pull-down device will pull
the PGOOD pin low. To prevent glitching, both the upper
and lower thresholds include 1% of hysteresis as well as a
built-in time delay, typically 125µs. The PGOOD pin is also
actively pulled low during fault conditions: EN pin is low,
VIN is too low, or in thermal shutdown.
For multiphase applications the PGOOD pin is used for
communication between the master and slave phases.
Connect the PGOOD pins together and pull-up to VIN or
VOUT with an external resistor.
Output Short Circuit Protection and Recovery
The peak inductor current at which the current compara-
tor shuts off the top power switch is controlled by the
voltage on the ITH pin. If the output current increases,
the error amplifier raises the ITH pin voltage until the
average inductor current matches the new load current.
In normal operation, the LTC3313 clamps the maximum
ITH pin voltage.
When the output is shorted to ground, the inductor cur-
rent decays very slowly during the switch off time because
of the low voltage across the inductor. To keep the current
in control, a secondary limit is also imposed on the valley
inductor current. If the inductor current measured through
the bottom power switch stays above IVALLEY(MAX), the
top power switch will be held off and switching cycles will
be skipped until the inductor current is reduced.
Recovery from a short circuit can be abrupt and because
the output is shorted and below regulation the regulator
is requesting the maximum current to charge the output.
When the short circuit condition is removed, the induc-
tor current could cause an extreme voltage overshoot in
the output. The LTC3313 addresses this potential issue
by regulating the SSTT voltage just above the FB volt-
age anytime the output is out of regulation. Therefore,
a recovery from an output short circuit goes through a
soft-start cycle. The output ramp is controlled and the
overshoot is minimized.
Low EMI PCB Layout
The LTC3313 is specifically designed to minimize EMI/
EMC emissions and also to maximize efficiency when
switching at high frequencies. For optimal performance,
the LTC3313 requires the use of multiple VIN bypass
capacitors.
Many designs will benefit from additional 0.1μF, 0201
ceramic capacitors placed between the larger bulk input
ceramic capacitors and the IC. If the additional 0.1μF
capacitors are not added to the layout then the bulk input
ceramic capacitors should be moved as close as to the VIN
pin as possible.
To avoid noise coupling into the LTC3313 FB node, the
resistor divider should be placed near the FB and AGND
pins and physically close to the IC. The remote output
and ground traces should be routed together as a differ-
ential pair to the remote output. These traces should be
terminated as close as physically possible to the remote
output point that is to be accurately regulated through
remote differential sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com