Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313JVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3313JVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313JVPBF Datasheet(HTML) 1 Page - Analog Devices

  LTC3313JVPBF Datasheet HTML 1Page - Analog Devices LTC3313JVPBF Datasheet HTML 2Page - Analog Devices LTC3313JVPBF Datasheet HTML 3Page - Analog Devices LTC3313JVPBF Datasheet HTML 4Page - Analog Devices LTC3313JVPBF Datasheet HTML 5Page - Analog Devices LTC3313JVPBF Datasheet HTML 6Page - Analog Devices LTC3313JVPBF Datasheet HTML 7Page - Analog Devices LTC3313JVPBF Datasheet HTML 8Page - Analog Devices LTC3313JVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3313
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
The LTC®3313 is a very small, low noise, monolithic
step-down DC/DC converter capable of providing up to
15A of output current from a 2.25V to 5.5V input supply.
The device employs the Silent Switcher architecture to
achieve both low EMI and high efficiency at switching
frequencies as high as 5MHz. For systems with higher
power requirements, multiphasing parallel converters is
readily implemented.
The LTC3313 uses a constant frequency, peak current
mode control architecture for fast transient response. A
500mV reference allows for low voltage outputs. 100%
duty cycle operation delivers low drop out.
Other features include a power good signal when the
output is in regulation, a precision enable threshold, output
overvoltage protection, thermal shutdown, a temperature
monitor, clock synchronization, mode selection, and
output short circuit protection. The device is available in
a compact 18-pin 3mm × 3mm LQFN package.
1.2V, 15A Step-Down Converter
Efficiency vs Load Current
APPLICATIONS
n
Layout Compatible with LTC3310/LTC3311 Family
n
Silent Switcher® Architecture
n
Ultralow EMI Emissions
n
High Efficiency: 3mΩ NMOS and 8mΩ PMOS
n
Wide Bandwidth, Fast Transient Response
n
Safely Tolerates Inductor Saturation in Overload
n
VIN Range: 2.25V to 5.5V
n
VOUT Range: 0.5V to VIN
n
VOUT Accuracy: ±1% with Remote Sense
n
Peak Current Mode Control
n
Minimum On-Time: 35ns
n
Programmable Frequency to 5MHz
n
Shutdown Current: 1µA
n
Precision 400mV Enable Threshold
n
Output Soft-Start with Voltage Tracking
n
Power Good Output
n
Die Temperature Monitor
n
Configurable for Paralleling Power Stages
n
Thermally-Enhanced 3mm × 3mm LQFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
Automotive/Industrial/Communications
n
Servers, Telecom Power Supplies
n
Distributed DC Power Systems (POL)
n
FPGA, ASIC, µP Core Supplies
All registered trademarks and trademarks are the property of their respective owners.
3313 TA01a
140k
47µF
×3
100k
VOUT
1.2V
15A
6.8pF
274k
22µF
22µF
0.1µF
SW
FB
AGND
RT
EN
MODE/SYNC
PGOOD
SSTT
ITH
0.1µF
0.1µF
15k
470pF
VIN
VIN
3V TO 5.5V
PGND
LTC3313
80nH
1F
VIN
5V, 15A Synchronous Step-Down
Silent Switcher in 3mm × 3mm LQFN
EFFICIENCY
POWER LOSS
VIN = 3.3V
VOUT = 1.2V
fSW = 2MHz
COILCRAFT XEL4020-800MEC
LOAD CURRENT (A)
0
2.5
5
7.5
10
12.5
15
0
10
20
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
3313 TA01a


Similar Part No. - LTC3313JVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3310 AD-LTC3310 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3310 AD-LTC3310 Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LTC3310 AD-LTC3310 Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LTC3310 AD-LTC3310 Datasheet
2Mb / 28P
5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
Rev. 0
LTC3310 AD-LTC3310 Datasheet
2Mb / 26P
5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
Rev. 0
More results

Similar Description - LTC3313JVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3310S AD-LTC3310S Datasheet
2Mb / 32P
5V, 10A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
03/20-REV.C
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3311 AD-LTC3311 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3311S AD-LTC3311S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com