Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313JVPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3313JVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313JVPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3313JVPBF Datasheet HTML 9Page - Analog Devices LTC3313JVPBF Datasheet HTML 10Page - Analog Devices LTC3313JVPBF Datasheet HTML 11Page - Analog Devices LTC3313JVPBF Datasheet HTML 12Page - Analog Devices LTC3313JVPBF Datasheet HTML 13Page - Analog Devices LTC3313JVPBF Datasheet HTML 14Page - Analog Devices LTC3313JVPBF Datasheet HTML 15Page - Analog Devices LTC3313JVPBF Datasheet HTML 16Page - Analog Devices LTC3313JVPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3313
13
Rev. 0
For more information www.analog.com
Refer to the Block Diagram for reference.
FB Resistor Network
The output voltage on the LTC3313 is programmed with a
resistor divider between the output and the FB pin. Choose
the resistor values according to:
RA =RB
VOUT
500mV
– 1
⎛
⎝
⎜
⎞
⎠
⎟
(1)
as shown in Figure 1:
Figure 1.
COUT
CFF
RA
SW
FB
3313 F01
BUCK
SWITCHING
REGULATOR
(OPTIONAL)
RB
L
VOUT
Feedback Resistor Network
Reference designators refer to the Block Diagram. 1%
resistors are recommended to maintain output voltage
accuracy. When optimizing the control loop for high band-
width and optimal transient response, add a phase-lead
capacitor connected from VOUT to FB.
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, transient response, and input
voltage range.
The advantage of high frequency operation is that smaller
inductor and capacitor values may be used. Higher
switching frequencies allow for higher control loop
bandwidth and, therefore, faster transient response. The
disadvantages of higher switching frequencies are lower
efficiency, because of increased switching losses, and a
smaller input voltage range, because of minimum switch
on-time limitations.
Although the maximum programmable switching fre-
quency is 5MHz, the minimum on-time of the LTC3313
imposes a minimum operating duty cycle. The highest
APPLICATIONS INFORMATION
switching frequency (fSW(MAX)) for a given application
can be calculated as follows:
fSW MAX
(
) =
VOUT
tON MIN
( ) •VIN MAX
(
)
(2)
where VIN(MAX) is the maximum input voltage, VOUT is the
output voltage, and tON(MIN) is the minimum top switch on-
time. This equation shows that a slower switching fre-
quency is necessary to accommodate a high VIN/VOUT ratio.
The LTC3313 is capable of a maximum duty cycle of
100%, therefore, the VIN-to-VOUT dropout is limited by
the RDS(ON) of the top switch, the inductor DCR, and the
load current.
Setting the Switching Frequency
The LTC3313 uses a constant frequency PWM architecture.
There are three methods to set the switching frequency. The
first method is with a resistor (RT) tied from the RT pin to
ground. The frequency can be programmed to switch from
500kHz to 5MHz. Table 1 shows the necessary RT value for
a desired switching frequency.
The RT resistor required for a desired switching frequency
is calculated using the following formula:
RT =
580
fSW
− 16
(3)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.
Table 1. Switching Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.5
1210
1
549
2
274
2.2
243
3
178
4
130
5
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com