Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313JVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3313JVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313JVPBF Datasheet(HTML) 5 Page - Analog Devices

  LTC3313JVPBF Datasheet HTML 1Page - Analog Devices LTC3313JVPBF Datasheet HTML 2Page - Analog Devices LTC3313JVPBF Datasheet HTML 3Page - Analog Devices LTC3313JVPBF Datasheet HTML 4Page - Analog Devices LTC3313JVPBF Datasheet HTML 5Page - Analog Devices LTC3313JVPBF Datasheet HTML 6Page - Analog Devices LTC3313JVPBF Datasheet HTML 7Page - Analog Devices LTC3313JVPBF Datasheet HTML 8Page - Analog Devices LTC3313JVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC3313
5
Rev. 0
For more information www.analog.com
VOUT Line Regulation, VOUT = 1.2V
VOUT Load Regulation, VOUT = 1.2V
Efficiency, VOUT = 0.5V
Forced Continuous Operation
Efficiency, VOUT = 0.5V
Pulse-Skipping Mode Operation
Efficiency, VOUT = 1.2V
Forced Continuous Operation
Efficiency, VOUT = 1.2V
Pulse-Skipping Mode Operation
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.
Efficiency, VOUT = 1.8V
Pulse-Skipping Mode Operation
Efficiency, VOUT = 1.8V
Forced Continuous Operation
ILOAD = 1A
ILOAD = 5A
ILOAD = 10A
ILOAD = 15A
INPUT VOLTAGE (V)
2.5
3
3.5
4
4.5
5
5.5
1.185
1.188
1.191
1.194
1.197
1.200
1.203
1.206
1.209
1.212
1.215
3313 G01
VIN = 2.5V
VIN = 3.3V
VIN = 5V
OUTPUT CURRENT (A)
0
3
6
9
12
15
1.185
1.188
1.191
1.194
1.197
1.200
1.203
1.206
1.209
1.212
1.215
3313 G02
fSW = 2MHz, TDK CLT32-55N
VIN = 2.5V
VIN = 3.3V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
3313 G03
fSW = 2MHz, TDK CLT32-55N
VIN = 2.5V
VIN = 3.3V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
3313 G04
COILCRAFT XEL4020-800MEC
fSW = 2MHz
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
3313 G05
COILCRAFT XEL4020-800MEC
fSW = 2MHz
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
3313 G06
COILCRAFT XEL4020-800MEC
fSW = 2MHz
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
3313 G07
COILCRAFT XEL4020-800MEC
fSW = 2MHz
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
3313 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com