| Electronic Components Datasheet Search |
|
AX88780 Datasheet(PDF) 17 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88780 Datasheet(HTML) 17 Page - ASIX Electronics Corporation |
|
17 / 49 page ![]() AX88780 4.1 CMD--Command Register Offset Address = FC00h Default = 32’h0000_0001 Field Name Type Default Description 31:16 - R/W All 0’s Reserved 15 RXVLAN R/W 0 RX VLAN indicator Driver enables this bit to indicate AX88780 that the received packet will include 4 bytes VLAN tag, AX88780 will skip 4 bytes when it calculates the checksum of IP, TCP or UDP packet. 1 = enable 0 = disable 14 TXVLAN R/W 0 TX VLAN indicator Driver enables this bit to indicate AX88780 that the transmitted packet will include 4 bytes VLAN tag, AX88780 will skip 4 bytes when it calculates the checksum of IP, TCP or UDP packet. 1 = enable 0 = disable 13:10 - R/W All 0’s Reserved 9 RXEN R/W 0 RX Function Enable When this bit is enabled, MAC starts to receive packets. 1 = enable 0 = disable 8 TXEN R/W 0 TX Function Enable When this bit is enabled, MAC could start to transmit packet to Ethernet. 1 = enable 0 = disable 7 - R/W 0 Reserved 6 INTMOD R/W 0 Interrupt Active Mode Driver sets this bit to indicate AX88780 that the interrupt of system is activated high or low. 1: Active high 0: Active low 5:1 - R/W All 0’s Reserved 0 WAKEMOD R/W 1 WAKEUP pin polarity Driver sets this bit to indicate AX88780 that the polarity of system wake-up signal is activated high or low. 1: Active high 0: Active low 4.2 IMR--Interrupt Mask Register Offset Address = FC04h Default = 32’h0000_0000 Field Name Type Default Description 31:6 - R All 0’s Reserved 5 PHYMASK R/W 0 PHY interrupt Mask When this bit is enabled, an interrupt request from PHY set in bit 5 of Interrupt Status Register will make AX88780 to issue an interrupt to host. 1 = enable 0 = disable 4 PRIM R/W 0 Packet Received Interrupt Mask When this bit is enabled, a received interrupt request set in bit 4 of Interrupt Status Register will make AX88780 to issue an interrupt to host. 1 = enable 0 = disable 17 ASIX ELECTRONICS CORPORATION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |