Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88780 Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 15Page - ASIX Electronics Corporation AX88780 Datasheet HTML 16Page - ASIX Electronics Corporation AX88780 Datasheet HTML 17Page - ASIX Electronics Corporation AX88780 Datasheet HTML 18Page - ASIX Electronics Corporation AX88780 Datasheet HTML 19Page - ASIX Electronics Corporation AX88780 Datasheet HTML 20Page - ASIX Electronics Corporation AX88780 Datasheet HTML 21Page - ASIX Electronics Corporation AX88780 Datasheet HTML 22Page - ASIX Electronics Corporation AX88780 Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
AX88780
4.4 TX_CFG--TX Configuration Register
Offset Address = FC10h
Default = 32’h0000_0040
Field Name
Type
Default
Description
31:7
-
R
All 0’s
Reserved
6
TXCRCAP
R/W
1
TXCRC Auto-Append
When this bit is enabled, AX88780 will append CRC to the transmitted
packet in FCS field.
1 = enable
0 = disable
5
-
R/W
0
Reserved.
4
TXCHKSUM
R/W
0
TX Checksum Generation
When this bit is enabled, AX88780 will append checksum to the transmitted
packet that is IP or TCP or UDP packet.
1 = enable
0 = disable
3:2
-
R
2’b00
Reserved
1:0
TXDS
R
2’b00
TX Description Status
AX88780 reports which descriptor is transmitted now
Default: 2’b00
4.5 TX_CMD--TX Command Register
Offset Address = FC14h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
HWI
R/W
0
Host Writes Indication
Before host begins to send a packet to TX buffer, this bit should be set. At
the end of host writes the packet, this bit should be cleared.
1 = Start Writing
0 = End Writing
14:13
TXDP
R/W
2’b00
TX Descriptor Pointer
To specify which TX descriptor to be written.
12
-
R/W
0
Reserved
11:0
DATALEN
R/W
All 0’s
Byte Count.
Data length is written to transmitted buffer.
4.6 TXBS--TX Buffer Status Register
Offset Address = FC18h
Default = 32’h0000_0000
Field Name
Type
Default Description
31:4
-
R
All 0’s
Reserved
8
INTXDS
R
0
Internal TX descriptor status.
This bit reports the TX descriptor status. When there are data not to be
transmitted, this bit will be set to ‘1’ otherwise it will be ‘0’
1 = have data in TX buffer
0 = all data are transmitted to cable
7:6
-
R
2’b00
Reserved
5:4
TXDUSE R
2’b00
TX Descriptor In Transmitting
These status bits indicate which descriptor is transmitting now.
00: Descriptor 0 in transmitting
19
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com