Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3465R Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 4 Page - Microchip Technology

  MCP3465R Datasheet HTML 1Page - Microchip Technology MCP3465R Datasheet HTML 2Page - Microchip Technology MCP3465R Datasheet HTML 3Page - Microchip Technology MCP3465R Datasheet HTML 4Page - Microchip Technology MCP3465R Datasheet HTML 5Page - Microchip Technology MCP3465R Datasheet HTML 6Page - Microchip Technology MCP3465R Datasheet HTML 7Page - Microchip Technology MCP3465R Datasheet HTML 8Page - Microchip Technology MCP3465R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
MCP3465R
DS20006414C-page 4
 2020-2021 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7V to 3.6V, DVDD = 1.8V to AVDD +0.1V,
MCLK = 4.9152 MHz, VREF =AVDD, ADC_MODE[1:0] = 11. All other register map bits to their default conditions,
TA = -40°C to +125°C, VIN = -0.5 dBFS at 50 Hz.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Requirements
Analog Operating Voltage
AVDD
2.7
—
3.6
V
Digital Operating Voltage
DVDD
1.8
—
AVDD +0.1
V
DVDD ≤ 3.6V
Analog Operating Current
AIDD
—
0.56
0.81
mA
BOOST[1:0] = 00, 0.5x
—
0.69
0.96
mA
BOOST[1:0] = 01, 0.66x
—
0.93
1.3
mA
BOOST[1:0] = 10, 1x
—
1.65
2.2
mA
BOOST[1:0] = 11, 2x
Analog Operating Current
AIDD
—
—
0.96
mA
BOOST[1:0] = 00, 0.5x,
VREF = 2.4V internal
—
—
1.2
mA
BOOST[1:0] = 01, 0.66x,
VREF = 2.4V internal
—
—
1.6
mA
BOOST[1:0] = 10, 1x,
VREF = 2.4V internal
—
—
2.5
mA
BOOST[1:0] = 11, 2x,
VREF = 2.4V internal
Digital Operating Current
DIDD
—
0.25
0.37
mA
(Note 8)
Analog Partial Shutdown
Current
AIDDS_PS
—
—
22
µA
CONFIG0 = 0x00
Digital Partial Shutdown
Current
DIDDS_PS
—
—
17
µA
CONFIG0 = 0x00
Analog Full Shutdown
Current
AIDDS_FS
—
—
0.4
µA
CONFIG0 = 0x00 with Full
Shutdown Fast-CMD
Digital Full Shutdown
Current
DIDDS_FS
—
—
2
µA
CONFIG0 = 0x00 with Full
Shutdown Fast-CMD
Power-on Reset (POR)
Threshold Voltage
VPOR_A
—
1.75
—
V
For analog circuits
VPOR_D
—
1.2
—
V
For digital circuits
POR Hysteresis
VPOR_HYS
—
150
—
mV
POR Reset Time
tPOR
—1
—
µs
Note 1: This parameter is ensured by design and not 100% tested.
2: This parameter is ensured by characterization and not 100% tested.
3: REFIN- must be connected to ground for single-ended measurements.
4: Full-Scale Range (FSR) = 2 x VREF/Gain.
5: This input impedance is due to the internal input sampling capacitor and frequency. This impedance is measured
between the two input pins of the channel selected with the input multiplexer.
6: Applies to all analog gains. Offset and gain errors depend on analog gain settings. See Section 2.0 “Typical
Performance Curves”.
7: INL is the difference between the endpoints’ line and the measured code at the center of the quantization band.
8: DIDD is measured while no transfer is present on the SPI bus.
9: An external buffer is recommended for external use.
10: Start-up time is the reaction time to the SPI command.
11: Settling time depends on bypass caps on the REFIN+/OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com