Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3465R Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 4Page - Microchip Technology MCP3465R Datasheet HTML 5Page - Microchip Technology MCP3465R Datasheet HTML 6Page - Microchip Technology MCP3465R Datasheet HTML 7Page - Microchip Technology MCP3465R Datasheet HTML 8Page - Microchip Technology MCP3465R Datasheet HTML 9Page - Microchip Technology MCP3465R Datasheet HTML 10Page - Microchip Technology MCP3465R Datasheet HTML 11Page - Microchip Technology MCP3465R Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
MCP3465R
DS20006414C-page 8
 2020-2021 Microchip Technology Inc.
ADC Timing Parameters
Sampling Frequency
DMCLK
See Table 5-6
MHz
See Figure 4-1
Output Data Rate
DRCLK
See Table 5-6
ksps
See Figure 4-1
Data Conversion Time
TCONV
See Table 5-6
ms
See Figure 4-1
ADC Start-up Delay
TADC_SETUP
—
256
—
DMCLK
periods
ADC_MODE[1:0] bits change
from ‘0x’ to ‘1x’
—0
—
DMCLK
periods
ADC_MODE[1:0] bits change
from ‘10’ to ‘11’
SCAN Mode Time Delays
TDLY_SCAN
0
—
512
DMCLK
periods
Time delay between sampling
channels
TTIMER_SCAN
0
—
16777215
DMCLK
periods
Time interval between SCAN
cycles
Data Transfer Time to DR
(Data Ready Event)
tDODR
—
—
50
ns
Modulator Output Valid
from AMCLK High
tDOMDAT
—
—
100
ns
2.7V ≤ DVDD ≤ 3.6V
200
1.8V ≤ DVDD ≤ 2.7V
External Master Clock Input (CLK_SEL[1] = 0) (MCLK = SCK)
Master Clock Input
Frequency Range
fMCLK_EXT
1—
20
MHz
DVDD ≥ 2.7V
1—
10
MHz
DVDD <2.7V
Master Clock Input Duty
Cycle
fMCLK_DUTY
45
—
55
%
Internal Clock Oscillator
Internal Master Clock
Frequency
fMCLK_INT
3.3
—
6.6
MHz
CLK_SEL[1] = 1
Internal Oscillator Start-up
Time
tOSC_STARTUP
—
10
—
µs
CLK_SEL[1] changes from ‘0’
to ‘1’, time to stabilize the clock
frequency to ±1 kHz of the final
value (Note 10)
Internal Oscillator Current
Consumption
IDDOSC
—
30
—
µA
Should be added to DIDD when
CLK_SEL[1:0] = 1x
Internal Temperature Sensor
Temperature
Measurement Accuracy
TAcc
—
±5
—
°C
See Section 5.1.2 “Internal
Temperature Sensor”
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7V to 3.6V, DVDD = 1.8V to AVDD +0.1V,
MCLK = 4.9152 MHz, VREF =AVDD, ADC_MODE[1:0] = 11. All other register map bits to their default conditions,
TA = -40°C to +125°C, VIN = -0.5 dBFS at 50 Hz.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: This parameter is ensured by design and not 100% tested.
2: This parameter is ensured by characterization and not 100% tested.
3: REFIN- must be connected to ground for single-ended measurements.
4: Full-Scale Range (FSR) = 2 x VREF/Gain.
5: This input impedance is due to the internal input sampling capacitor and frequency. This impedance is measured
between the two input pins of the channel selected with the input multiplexer.
6: Applies to all analog gains. Offset and gain errors depend on analog gain settings. See Section 2.0 “Typical
Performance Curves”.
7: INL is the difference between the endpoints’ line and the measured code at the center of the quantization band.
8: DIDD is measured while no transfer is present on the SPI bus.
9: An external buffer is recommended for external use.
10: Start-up time is the reaction time to the SPI command.
11: Settling time depends on bypass caps on the REFIN+/OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com