Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3465R Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 1 Page - Microchip Technology

  MCP3465R Datasheet HTML 1Page - Microchip Technology MCP3465R Datasheet HTML 2Page - Microchip Technology MCP3465R Datasheet HTML 3Page - Microchip Technology MCP3465R Datasheet HTML 4Page - Microchip Technology MCP3465R Datasheet HTML 5Page - Microchip Technology MCP3465R Datasheet HTML 6Page - Microchip Technology MCP3465R Datasheet HTML 7Page - Microchip Technology MCP3465R Datasheet HTML 8Page - Microchip Technology MCP3465R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 1
MCP3465R
Features
• One Differential or Two Single-Ended Input
Channels
• 16-Bit Resolution
• Programmable Data Rate: Up to 153.6 ksps
• Programmable Gain: 0.33x to 64x
• 97.2 dB SINAD, -116 dBc THD, 120 dBc SFDR
(Gain = 1x, 4800 SPS)
• Low-Temperature Drift:
- Offset error drift: 4/Gain nV/°C (AZ_MUX = 1)
- Gain error drift: 0.5 ppm/°C (Gain = 1x)
• Low Noise: 2.3 µVRMS (Gain = 16x, 9600 SPS)
• RMS Effective Resolution: 15.4 Bits Minimum (All
Gains, All OSR Combinations)
• Wide Input Voltage Range: 0V to AVDD
• Selectable Internal 2.4V Voltage Reference with
15 ppm/°C Drift
• Differential Voltage Reference Inputs
• Internal Oscillator or External Clock Selection
• Ultra-Low Full Shutdown Current Consumption
(< 2.4 µA)
• Internal Temperature Sensor
• Burnout Current Sources for Sensor Open/Short
Detection
• 16-Bit Digital Offset and Gain Error Calibration
Registers
• Internal Conversions Sequencer (Scan Mode) for
Automatic Multiplexing
• Advanced Security Features:
- 16-bit CRC for secure SPI communications
- 16-bit CRC and IRQ for securing
configuration
- Register map lock with 8-bit secure key
- Monitor controls for system diagnostics
• 20 MHz SPI-Compatible Interface with Mode 0,0
and 1,1
•AVDD: 2.7V-3.6V
•DVDD: 1.8V-3.6V
• Extended Temperature Range: -40°C to +125°C
• Package: 2 mm x 2 mm x 0.55 mm 12-Lead UQFN
General Description
The MCP3465R is a one differential channel or two
single-ended channels, 16-Bit Delta-Sigma Analog-
to-Digital Converter (ADC) with a programmable data
rate of up to 153.6 ksps. It offers integrated features,
such as internal voltage reference, internal oscillator,
temperature sensor and burnout sensor detection, in
order to reduce system component count and total
solution cost.
The MCP3465R ADC is fully configurable with an Over-
sampling Ratio (OSR) from 32 to 98304 and gain from
1/3x to 64x. The device includes an internal sequencer
(Scan mode) with multiple monitor channels and a 16-bit
timer to be able to automatically create conversion loop
sequences without needing MCU communications.
Advanced security features, such as CRC and register
map lock, can ensure configuration locking and integrity,
as well as communication data integrity for secure
environments.
The device comes with a 20 MHz SPI-compatible serial
interface. Communication is largely simplified with 8-bit
commands, including various Continuous Read/Write
modes and 16/32-bit multiple data formats that can be
accessed by the Direct Memory Access (DMA) of an
8-bit, 16-bit or 32-bit MCU.
The MCP3465R device is available in an ultra-small,
2 mm x 2 mm x 0.55 mm 12-Lead UQFN package and
is specified over an extended temperature range from
-40°C to +125°C.
Applications
• Precision Sensor Transducers and Transmitters:
Pressure, Strain, Flow and Force Measurement
• Factory Automation and Process Controls
• Portable Instrumentation
• Temperature Measurements
Two-Channel, 153.6 ksps, Low Noise
16-Bit Delta-Sigma ADC with Internal Voltage Reference


Similar Part No. - MCP3465R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3460R MICROCHIP-MCP3460R Datasheet
3Mb / 103P
Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision A
MCP3460RT-E/2LX MICROCHIP-MCP3460RT-E/2LX Datasheet
3Mb / 103P
Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision A
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
More results

Similar Description - MCP3465R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
logo
Microchip Technology
MCP3565R MICROCHIP-MCP3565R Datasheet
3Mb / 108P
Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
02/28/20
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461 MICROCHIP-MCP3461_V01 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com