Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6521
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6521 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6521 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
DC characteristics - Power Supply Pins
VDD=3.0V, T=25°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.(note5)
Max.
Unit
ACTIVE Supply Current
+25°C (note2)
IVDDa
9.0
15
μA
ACTIVE Supply Current
(in active mode)
(note2 / 3 / 4)
0°C...+60°C
IVDDa
20
μA
STANDBY Supply Current
+25°C
IVDDh
2
4
μA
STANDBY Supply Current
(in Halt mode)
(note3 / 4)
0°C...+60°C
IVDDh
7
μA
RAM data retention
Vrd
1.3
V
VDDCA regulated voltage !!
VDDCA
1.6
2.0
2.6
V
POR voltage
0°C...+60°C
VPOR
0.9
1.40
V
SVLD voltage
VSVLD
2.25
2.5
2.8
V
VDD=5.0V, T=25°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.(note5)
Max.
Unit
ACTIVE Supply Current
+25°C (note2)
IVDDa
13
18
μA
ACTIVE Supply Current
(in active mode)
(note2 / 3 / 4)
0°C...+60°C
IVDDa
20
μA
STANDBY Supply Current
+25°C
IVDDh
1.8
5
μA
STANDBY Supply Current
(in Halt mode)
(note3 / 4)
0°C...+60°C
IVDDh
10
μA
Note2: test loop with successive writing and reading of two different addresses with an inverted
values (five instructions should be reserved for this measurement),
Note3: NOT tested at temperature if delivered in chip form.
Note4: Test conditions for ACTIVE and STANDBY Supply current mode are: Qin = external
square wave, from rail to rail of Vreg (regulated voltage) with 100nF capacitor on Vreg.
fQin = 33kHz.
Note5: For current measurement typical quartz described in Operating Conditions is used.
All I/O pins without internal Pull Up/Down are pulled to VDD externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com