Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 19 Page - EM Microelectronic - MARIN SA

Part # EM6521
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6521 Datasheet(HTML) 19 Page - EM Microelectronic - MARIN SA

Back Button EM6521 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 23Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
19
www.emmicroelectronic.com
9.
EM6540
Standard Operating Conditions
Parameter
MIN
TYP
MAX
Unit
Description
Temperature
0
25
60
°C
2.2
3.6
5.5
V
fq max 620 kHz
VDD
2.5
3.6
5.5
V
fq max 680 kHz
VSS
0
V
Reference terminal
CVreg (note 1)
0.22
1
μF
regulated voltage capacitor
fq
600
kHz
nominal frequency
DC characteristics - Power Supply Pins
VDD=3V, T=25°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
(note1)
Max.
Unit
ACTIVE Supply Current
25°C
IVDDa
210
μA
ACTIVE Supply Current
(in active mode)
(note2) (note3)
0°C...+60°C
IVDDa
210
250
μA
STANDBY Supply Current
(in Halt mode)
(note3)
0°C...+60°C
IVDDh
10
15
μA
SLEEP Supply Current
(SLEEP =1)
(note3)
0°C...+60°C
IVDDs
0.4
1
μA
POR voltage
VPOR
1.5
V
RAM data retention
Vrd
1.5
V
Regulated Voltage
Vreg
1.85
V
Note1: Measured at typical freq. of 600kHz, no load.
Note2: Test loop with successive writing and reading of two different addresses with an inverted
values (five instructions should be reserved for this measurement),
Note3: NOT tested at temperature if delivered in chip form.
Metal Options
Functionally the EM6640 and the EM6540 are the same except the metal options of the EM6540
which are set in their default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com