Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 20 Page - EM Microelectronic - MARIN SA

Part # EM6521
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6521 Datasheet(HTML) 20 Page - EM Microelectronic - MARIN SA

Back Button EM6521 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 24Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
20
www.emmicroelectronic.com
Input/Output Port Options
Pull-Up
controlled by software
Pull-Down
controlled by software
0
1
A0
PA0 input
none
100k
Ω
A1
PA1 input
none
100k
Ω
A2
PA2 input
none
100k
Ω
A3
PA3 input
none
100k
Ω
B0
PB0 In/Out
100k
Ω
100k
Ω
B1
PB1 In/Out
100k
Ω
100k
Ω
B2
PB2 In/Out
100k
Ω
100k
Ω
B3
PB3 In/Out
100k
Ω
100k
Ω
C0
PC0 In/Out
100k
Ω
100k
Ω
C1
PC1 In/Out
100k
Ω
100k
Ω
C2
PC2 In/Out
100k
Ω
100k
Ω
C3
PC3 In/Out
100k
Ω
100k
Ω
Digital Watchdog Option
MDigWD
Digital WatchDog
YES
SWBdataLevel Option
MSWBdataLevel
level of SWB data
VDD
Supply Voltage Level Detector
T= -10°C to 60°C
Symb.
Parameter
Min.
Typ.
Max.
Unit
VSVLD1
SVLD voltage Level1
2.02
2.20
2.37
V
VSVLD2
SVLD voltage Level2
2.30
2.50
2.70
V
Today’s Versions
I/O’s
VLD levels
Remarks
EM6540P04
As defined
As defined
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com