Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EM6521
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6521 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EM6521 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 16Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
RC oscillator adjustment on the EM6505 (MFP version only)
Register
name
add
hex
add
dec
power
up
value
write_bits
read_bits
Remarks
b'3210
Read/Write_bits
RC_Adj_Low
66
102
0001
0: OscAdj[0]
1: OscAdj[1]
2: OscAdj[2]
3: OscAdj[3]
----
Adjustment of RC oscillator
(4 LSB)
RC_Adj_High
67
103
1000
0: OscAdj[4]
1: OscAdj[5]
2: OscAdj[6]
3: OscAdj[7]
----
Adjustment of RC oscillator
(4 MSB)
On the EM6605 (ROM version), the adjustment of the RC oscillator is done by metal option
(refer to chapter 14 of the EM6605 datasheet).
On the EM6505 (MFP version), there is no metal option to adjust the frequency range.
Adjusting the 8 bits contained in registers “RC_Adj_Low” and “RC_adj_High” sets the
frequency. The bit “OscAdj[7]” selects the frequency range: low or high frequency range
(refer to chapter 4 of the EM6605 datasheet).
The others bits as well as the external resistor on Pin 10, are used to adjust more precisely
the frequency.
The frequency has to be in the range of 30kHz to 300kHz (refer to chapter 17.7 of the EM6605
datasheet).
Electrical specifications
Standard Operating Conditions
Parameter
Value
Description
Temperature
0°C...+60°C
VDD
+2.0 ...+5.0V
VSS
0 V (reference)
Cvreg
min. 100nF
regulated voltage capacitor tow.
Vss
Rext
50k
Ω - 400kΩ
external R to set clock frequency
Cvreg : This capacitor maintains the Regulated Supply to the internal logic.
DC characteristics - Power Supply Pins
For Frequency range of 30 - 300 kHz
VDD=5.0V, T=25°C, f=32kHz (note1) (unless otherwise specified) Rext
≈ 330kΩ
Parameter
Conditions
Symb.
Min.
Typ.
(note1)
Max.
Unit
ACTIVE Supply Current
+25°C (note2)
IVDDa
30.0
40.0
µA
ACTIVE Supply Current
(in active mode)
(note2) (note3)
0°C...+60°C
IVDDa
50.0
µA
STANDBY Supply Current
+25°C
IVDDh
17.0
20.0
µA
STANDBY Supply Current
(in Halt mode)
(note3)
0°C...+60°C
IVDDh
40.0
µA
SLEEP Supply Current
+25°C
IVDDs
1.0
2.0
µA
SLEEP Supply Current
(SLEEP =1)
(note3)
0°C...+60°C
IVDDs
5.0
µA
Regulated Voltage
Vreg not at VDD
Vreg
1.5
2.0
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com