Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 23 Page - EM Microelectronic - MARIN SA

Part # EM6521
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6521 Datasheet(HTML) 23 Page - EM Microelectronic - MARIN SA

Back Button EM6521 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 27Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
23
www.emmicroelectronic.com
10. Package Dimensions
All MFPs are available in chip form on special request.
Figure 1. SOP 18 Pin Package
(1.27mm pitch, 300mils body width)
SOP-18
Figure 2. SOP 24 Pin Package
(1.27mm pitch, 300mils body width)
SOP-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com