Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 25 Page - EM Microelectronic - MARIN SA

Part # EM6521
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6521 Datasheet(HTML) 25 Page - EM Microelectronic - MARIN SA

Back Button EM6521 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 28Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
25
www.emmicroelectronic.com
Figure 4. TQF 44 Pin Package
D
D1
A
e
SEE DETAIL "B"
PACKAGE OUTLINE, TQFP, 10X10 MM BODY,
1.00/0.10 MM FORM, 1.00 MM THICK
TOP VIEW
b
SEE DETAIL "A"
e
ODD LEAD SIDES
EVEN LEAD SIDES
DETAIL "A"
ALL DIMENSIONS IN MILLIMETERS
0.30
MIN.
0.95
0.05
0.45
e
N
b
L
A 1
A
D
D
2
1
A
O
L
Y
M
B
44
0.80 BSC
0.37
0.60
0.45
0.75
10.00 BSC.
12.00 BSC.
1.00
TYP.
0.15
1.05
1.20
MAX.
TQFP44
S
A1
A2
L
DETAIL "B"
1.00 REF.
0.20 MIN.
0.08
R. MIN.
0-7°
0° MIN.
0.08/0.20 R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com