Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-RMC6TG Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C16-RMC6TG
Description  16-Kbit serial I2C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RMC6TG Datasheet(HTML) 1 Page - STMicroelectronics

  M24C16-RMC6TG Datasheet HTML 1Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 2Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 3Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 4Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 5Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 6Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 7Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 8Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TSSOP8 (DW)
169 mil width
SO8 (MN)
150 mil width
UFDFPN8 (MC)
DFN8 - 2x3 mm
UFDFPN5 (MH)
DFN5 - 1.7x1.4 mm
Unsawn wafer
Features
•
Compatible with following I2C bus modes:
–
400 kHz
–
100 kHz
•
Memory array:
–
16 Kbit (2 Kbyte) of EEPROM
–
Page size: 16 byte
•
Single supply voltage:
–
M24C16-W: 2.5 V to 5.5 V
–
M24C16-R: 1.8 V to 5.5 V
–
M24C16-F: 1.7 V to 5.5 V (full temperature range) and 1.6 V to 1.7 V
(limited temperature range)
•
Write time:
–
Byte write within 5 ms
–
Page write within 5 ms
•
Operating temperature range:
–
from -40 °C up to +85 °C
•
Random and sequential read modes
•
Write protect of the whole memory array
•
Enhanced ESD/latch-up protection
•
More than 4 million Write cycles
•
More than 200-year data retention
Packages
•
SO8 ECOPACK2
•
TSSOP8 ECOPACK2
•
UFDFPN8 ECOPACK2
•
UFDFPN5 ECOPACK2
•
Unsawn wafer (each die is tested)
Product status link
M24C16-W
M24C16-R
M24C16-F
16-Kbit serial I2C bus EEPROM
M24C16-W M24C16-R M24C16-F
Datasheet
DS9194 - Rev 11 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M24C16-RMC6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-RMB3T STMICROELECTRONICS-M24C16-RMB3T Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C16-RMB3T/G STMICROELECTRONICS-M24C16-RMB3T/G Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C16-RMB3T/W STMICROELECTRONICS-M24C16-RMB3T/W Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C16-RMB3TG STMICROELECTRONICS-M24C16-RMB3TG Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C16-RMB3TG/G STMICROELECTRONICS-M24C16-RMB3TG/G Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
More results

Similar Description - M24C16-RMC6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
16 Kbit Serial I2C BUS EEPROM
23-Oct-2001
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
16 Kbit Serial I2C EEPROM with Extended Addressing
Feb-1999
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24C16-DRE STMICROELECTRONICS-M24C16-DRE Datasheet
1Mb / 39P
16-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com