Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-RMC6TG Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24C16-RMC6TG
Description  16-Kbit serial I2C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RMC6TG Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24C16-RMC6TG Datasheet HTML 17Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 18Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 19Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 20Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 21Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 22Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 23Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 24Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Table 15. 400 kHz AC characteristics
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
-
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
-
ns
tCLCH
tLOW
Clock pulse width low
1300
-
tQL1QL2(1)
tF
SDA fall time
20(2)
300
tXH1XH2
tR
Input signal rise time
(3)
(3)
tXL1XL2
tF
Input signal fall time
(3)
(3)
tDXCH
tSU:DAT
Data in setup time
100
-
tCLDX
tHD:DAT Data in hold time
0
-
tCLQX(4)
tDH
Data out hold time
100
-
tCLQV(5)
tAA
Clock low to next data valid (access time)
-
900
tCHDL
tSU:STA
Start condition setup time
600
-
tDLCL
tHD:STA
Start condition hold time
600
-
tCHDH
tSU:STO Stop condition setup time
600
-
tDHDL
tBUF
Time between Stop condition and next Start condition
1300
-
tW
tWR
Write time
-
5
ms
tNS(1)
-
Pulse width ignored (input filter on SCL and SDA), single glitch
-
100
ns
1. Characterized only, not tested in production.
2. With CL = 10 pF.
3. There are no minimum or maximum values for the input signal rise and fall times. It is however recommended by the I²C
specification that the input signal rise and fall times are between 20 and 300 ns when fC < 400 kHz.
4. The minimum value for tCLQX (Data out hold time) of the M24xxx devices offers a safe timing to bridge the undefined region
of the falling edge SCL.
5. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3 VCC or 0.7 VCC, assuming
that Rbus x Cbus time constant is within the values specified in Figure 12.
M24C16-W M24C16-R M24C16-F
DC and AC parameters
DS9194 - Rev 11
page 21/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com