Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-RMC6TG Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24C16-RMC6TG
Description  16-Kbit serial I2C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RMC6TG Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24C16-RMC6TG Datasheet HTML 29Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 30Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 31Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 32Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 33Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 34Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 35Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 36Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Table 22. Ordering information scheme (unsawn wafer)
Example:
M24
C16 -
F
T
W
20
I
/90
Device type(1)
M24 = I2C serial access EEPROM
Device function
C16 = 16 Kbit (2 K x 8 bit)
Operating voltage
F = VCC = 1.7 V to 5.5 V
Process
T = F8H
Delivery form
W =Unsawn wafer
Wafer thickness
20 = Non-backlapped wafer
22 = 180 μm backlapped wafer
Wafer testing
I = Inkless test
Device grade
90 = -40 °C to 85 °C
1. For all information concerning the M24C16 delivered in unsawn wafer contact your nearest ST Sales Office.
Note:
Parts marked as “ES” or “E” are not yet qualified and therefore not approved for use in production. ST is not
responsible for any consequences resulting from such use. In no event will ST be liable for the customer using
any of these engineering samples in production. ST’s Quality department must be contacted prior to any
decision to use these engineering samples to run a qualification activity.
M24C16-W M24C16-R M24C16-F
Ordering information
DS9194 - Rev 11
page 33/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com