Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-RMC6TG Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24C16-RMC6TG
Description  16-Kbit serial I2C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RMC6TG Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24C16-RMC6TG Datasheet HTML 28Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 29Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 30Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 31Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 32Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 33Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 34Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 35Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
10
Ordering information
Table 21. Ordering information scheme
Example:
M24
C16-
W
MC
6
T
P
/12
Device type
M24 = I2C serial access EEPROM
Device function
C16- = 16 Kbit (2 K x 8 bit)
Operating voltage
W = VCC = 2.5 V to 5.5 V
F = VCC = 1.6 V or 1.7 V to 5.5 V
R = VCC = 1.8 V to 5.5 V
Package (1)
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MC = UFDFPN8 (DFN8)
MH = UFDFPN5 (DFN5)
Device grade
5 = Consumer: device tested with standard test flow over –20 to 85 °C
6 = Industrial: device tested with standard test flow over -40 to 85 °C
Option
T = Tape and reel packing
blank = Tube packing
Planting technology
P or G = ECOPACK
Option
/12 = Packing 12 mm tape
1. ECOPACK2 (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants).
M24C16-W M24C16-R M24C16-F
Ordering information
DS9194 - Rev 11
page 32/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com