Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-RMC6TG Datasheet(PDF) 35 Page - STMicroelectronics

Part # M24C16-RMC6TG
Description  16-Kbit serial I2C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RMC6TG Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M24C16-RMC6TG Datasheet HTML 31Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 32Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 33Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 34Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 35Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 36Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 37Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 38Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Date
Revision
Changes
18-Feb-2015
6
Removed: WLCSP package reference, tables and figures in all document
Updated: Table 54 and Table 70
01-Jul-2015
7
Updated: Section 6, Table 70
Added note 1 on Table 70
18-Mar-2016
8
Updated Features, Figure 41: Read mode sequences, Figure 51: UFDFPN5 – 1.7x1.4
mm, 0.55 mm thickness, ultra thin fine pitch dual flat package, no lead - package outline
and Table 53: UFDFPN5 - 1.7 × 1.4 mm, 0.55 mm thickness, ultra thin fine pitch dual flat
package, no lead - package mechanical data
02-Oct-2017
9
Added reference to DFN8 and DFN5 in:
•
cover page figure, Figure 3: UFDFPN5 (DFN5) package connections
•
Section 9.1: UFDFPN5 (DFN5) package information, Section 9.2: UFDFPN8 (DFN8)
package information.
Updated Table 9: AC measurement conditions, Table 23: Ordering information scheme.
Added Figure 14: UFDFPN5 - 5-lead, 1.7 × 1.4 mm, 0.55 mm thickness, ultra thin fine
pitch dual flat package, no lead recommended footprint
04-Jun-2020
10
Updated:
•
Section Features
•
Figure 4. Block diagram
•
Table 4. Absolute maximum ratings,
•
title of Table 7. Operating conditions (voltage range F)
•
notes in: Table 10. Cycling performance, Table 11. Memory cell data retention,
Table 12. DC characteristics (M24C16-W, device grade 6)Table 13. DC
characteristics (M24C16-R device grade 6), Table 14. DC characteristics (M24C16-
F device grade 6)
Removed Package PDIP8 in whole document, Table 8. Operating conditions (voltage
range F, for all other devices)
Added specification in Wafer thickness feature of Table 22. Ordering information scheme
(unsawn wafer)
12-Oct-2020
11
Updated Section Features and Section 1 Description.
Added note in Section 5.1.3 Minimizing write delays by polling on ACK.
Updated Table 21. Ordering information scheme and Table 22. Ordering information
scheme (unsawn wafer).
Updated Figure 1. Logic diagram.
Minor text edits across the whole document.
M24C16-W M24C16-R M24C16-F
DS9194 - Rev 11
page 35/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com