Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-RMC6TG Datasheet(PDF) 11 Page - STMicroelectronics

Part # M24C16-RMC6TG
Description  16-Kbit serial I2C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RMC6TG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M24C16-RMC6TG Datasheet HTML 7Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 8Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 9Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 10Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 11Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 12Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 13Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 14Page - STMicroelectronics M24C16-RMC6TG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
5.1.3
Minimizing write delays by polling on ACK
The maximum write time (tw) is shown in AC characteristics tables in Section 8 DC and AC parameters, but the
typical time is shorter. To make use of this, a polling sequence can be used by the bus master.
The sequence, as shown in Figure 8, is:
•
Initial condition: a write cycle is in progress.
•
Step 1: the bus master issues a Start condition followed by a device select code (the first byte of the new
instruction).
•
Step 2: if the device is busy with the internal write cycle, no ACK is returned and the bus master goes back
to step 1. If the device has terminated the internal write cycle, it responds with an ACK, indicating that the
device is ready to receive the second part of the instruction (the first byte of this instruction having been sent
during Step 1).
Figure 8. Write cycle polling flowchart using ACK
Write cycle
in progress
Next
operation is
addressing the
memory
Start condition
ACK
returned
YES
NO
YES
NO
Re-start
Stop
Data for the
write operation
Send address
and receive ACK
YES
NO
Continue the
write operation
Continue the
random read operation
Device select
with RW = 1
First byte of instruction
with RW = 0 already
decoded by the device
Device select
with RW = 0
StartCondition
Note:
The seven most significant bits of the device select code of a random read (bottom right box in the figure)must
be identical to the seven most significant bits of the device select code of the write (polling instruction in the
figure).
M24C16-W M24C16-R M24C16-F
Write operations
DS9194 - Rev 11
page 11/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com